Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDWX3F1C Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SDWX3F1C
Description  Enable High Flux and Cost Efficient System
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDWX3F1C Datasheet(HTML) 4 Page - Seoul Semiconductor

  SDWX3F1C Datasheet HTML 1Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 2Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 3Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 4Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 5Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 6Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 7Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 8Page - Seoul Semiconductor SDWX3F1C Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.seoulsemicon.com
Product Data Sheet
SDWx3F1C
– Chip on Board
4
Product Performance & Characterization Guide
Notes :
Part Number
CCT (K)
[1]
Typical Luminous Flux [2],
ФV [3] (lm)
Typical Forward Voltage,
VF [4] (V)
Typ.
500mA *
500mA *
SDW03F1C
5600
2250
34.3
5000
2268
34.3
4500
2279
34.3
4000
2292
34.3
SDW83F1C
5600
2043
34.3
5000
2023
34.3
4000
1976
34.3
3500
1934
34.3
3000
1894
34.3
2700
1860
34.3
SDW93F1C
4000
1688
34.3
3500
1610
34.3
3000
1575
34.3
2700
1496
34.3
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. Color
coordinate :
0.01, CCT 5% tolerance.
(2) Seoul Semiconductor maintains a tolerance of ±7% on flux and power measurements.
(3) Ф
V is the total luminous flux output as measured with an integrating sphere.
(4) Tolerance is ±3% on forward voltage measurements.
(5) Tolerance is ±2 on CRI measurements.
* No values are provided by real measurement. Only for reference purpose.
Table 3. Electro Optical Characteristics, T
j=85ºC


Similar Part No. - SDWX3F1C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDWX1F1B SEOUL-SDWX1F1B Datasheet
696Kb / 26P
   Enable High Flux and Cost Efficient System
SDWX1F1C SEOUL-SDWX1F1C Datasheet
737Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX2F1C SEOUL-SDWX2F1C Datasheet
762Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX4F1C SEOUL-SDWX4F1C Datasheet
796Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX5F1C SEOUL-SDWX5F1C Datasheet
784Kb / 27P
   Enable High Flux and Cost Efficient System
More results

Similar Description - SDWX3F1C

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDWX4F1C SEOUL-SDWX4F1C Datasheet
796Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX7F1C SEOUL-SDWX7F1C Datasheet
514Kb / 25P
   Enable High Flux and Cost Efficient System
SDWX6F1C SEOUL-SDWX6F1C Datasheet
849Kb / 24P
   Enable High Flux and Cost Efficient System
SDWX1F1C SEOUL-SDWX1F1C Datasheet
737Kb / 27P
   Enable High Flux and Cost Efficient System
SAW82F1D SEOUL-SAW82F1D Datasheet
886Kb / 21P
   Enable High Flux and Cost Efficient System
SDWX2F1C SEOUL-SDWX2F1C Datasheet
762Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX5F1C SEOUL-SDWX5F1C Datasheet
784Kb / 27P
   Enable High Flux and Cost Efficient System
SDW81F1DY SEOUL-SDW81F1DY Datasheet
669Kb / 24P
   Enable High Flux and Cost Efficient System
SAW81F1D SEOUL-SAW81F1D Datasheet
882Kb / 21P
   Enable High Flux and Cost Efficient System
SDWX1F1B SEOUL-SDWX1F1B Datasheet
696Kb / 26P
   Enable High Flux and Cost Efficient System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com