Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1026I Datasheet(PDF) 8 Page - Linear Technology

Part # LT1026I
Description  Voltage Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1026I Datasheet(HTML) 8 Page - Linear Technology

  LT1026I Datasheet HTML 1Page - Linear Technology LT1026I Datasheet HTML 2Page - Linear Technology LT1026I Datasheet HTML 3Page - Linear Technology LT1026I Datasheet HTML 4Page - Linear Technology LT1026I Datasheet HTML 5Page - Linear Technology LT1026I Datasheet HTML 6Page - Linear Technology LT1026I Datasheet HTML 7Page - Linear Technology LT1026I Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LT1026
1
2
3
4
0.150 – 0.157**
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197*
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0
°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0996
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
TYP
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 1988
1026fa LT/TP 0498 REV A 2K • PRINTED IN USA
Regulated Converter
C1
C2+
C2
–VOUT
8
7
6
5
1
2
3
4
+VOUT
C1+
VIN
GND
LT1026
C1
1
µF
VIN ≥ 4V
+
+
+VOUT
1
µF
C2
1
µF
1
µF
1026 • TA09
GND
INPUT–
INPUT+
COMP/PNP
OUT
FB
REFOUT
COMP/NPN
LT1020
VIN
2
11
6
4
7
93
500k
500k
0.001
µF
+
10
µF
5V
+
10
µF
500k
1M
500k
0.001
µF
–5V REG 10mA
51k
5
8
2N3904
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1517-5
Micropower, Regulated 5V In SOT-23
Ultralow Power: ICC = 6µA Typical, Small 5-Pin SOT-23
LTC1550/LTC1551
Low Noise, Switched Capacitor Regulator Voltage Inverter
< 1mVp-p Typical Output Ripple, 900kHz, IOUT = 10mA
LTC1555/LTC1556
SIM Power Supply and Level Translator
Step-Up/Step-Down Generates 5V, Input Voltage Range:
2.7V to 10V, > 10kV ESD, Short-Circuit and Overtemp Protection
S8 Package
8-Lead Plastic Small Outline (Narrow 0.150)
(LTC DWG # 05-08-1610)
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.


Similar Part No. - LT1026I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1026IS8 LINER-LT1026IS8 Datasheet
153Kb / 8P
   Voltage Converter
More results

Similar Description - LT1026I

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7660 NJRC-NJU7660 Datasheet
248Kb / 6P
   VOLTAGE CONVERTER
NJU7660A NJRC-NJU7660A Datasheet
136Kb / 10P
   VOLTAGE CONVERTER
logo
Guangdong Kexin Industr...
KM7660 KEXIN-KM7660 Datasheet
306Kb / 8P
   Voltage Converter
logo
Pepperl+Fuchs Inc.
FB5206B PF-FB5206B Datasheet
500Kb / 3P
   Voltage Converter
logo
Linear Technology
LT1026 LINER-LT1026_03 Datasheet
153Kb / 8P
   Voltage Converter
LT1026 LINER-LT1026_15 Datasheet
163Kb / 8P
   Voltage Converter
logo
New Japan Radio
NJU7662 NJRC-NJU7662 Datasheet
262Kb / 6P
   VOLTAGE CONVERTER?
logo
Pepperl+Fuchs Inc.
LB5106A PF-LB5106A Datasheet
564Kb / 3P
   Voltage Converter
2021-12-01
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
WOLFSPEED, INC.
AM4221 WOLFSPEED-AM4221 Datasheet
123Kb / 10P
   VOLTAGE/CURRENT CONVERTER
April 99 Rev. 2.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com