Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC-SZ5-P Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # SSC-SZ5-P
Description  Super high Flux output and high Luminance
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-SZ5-P Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button SSC-SZ5-P Datasheet HTML 2Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 3Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 4Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 5Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 6Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 7Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 8Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 9Page - Seoul Semiconductor SSC-SZ5-P Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
3. Characteristics of SZ5-P0-W0-00 (Pure)
Pure White
1-1 Electro-Optical characteristics at 350mA
(Ta=25
℃, RH30%)
Parameter
Symbol
Value
Unit
Min
Typ
Max
Luminous Flux [1]
Ф
V
[2]
-
135
-
lm
Ф
V (Tj=100℃)
-
120
-
Correlated Color
Temperature [3]
CCT
-
6000
-
K
CRI [6]
R
a
-
70
-
-
Forward Voltage [4]
V
F
-
3.20
-
V
Thermal resistance
(J to S)
J-S
5.5
K/W
View Angle
2Θ ½
120
deg.
1-2 Absolute Maximum Ratings
August 2012
August 2012
www.seoulsemicon.com
www.seoulsemicon.com
Document No. : SSC- QP- 7- 07- 12
1-2 Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Forward Current
I
F
1000
mA
1800 (100ms, 1/10duty)
Reverse Voltage
V
r
5
V
Power Dissipation
P
d
4.1
W
Junction Temperature
T
j
145(@ I
F ≤ 1000mA)
ºC
Operating Temperature
T
opr
-40 ~ +85
ºC
Storage Temperature
T
stg
-40 ~ +100
ºC
ESD Sensitivity(HBM) [5]
-
2
kV
*Notes :
[1] SSC maintains a tolerance of ±7% on flux and power measurements.
[2] Ф
V is the total luminous flux output as measured with an integrating sphere.
[3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram.
Color coordinate : ±0.005, CCT ±5% tolerance.
[4] Tolerance is ±0.06V on forward voltage measurements
[5] A zener diode is included to protect the product from ESD.
[6] Tolerance is ±2.0 on CRI measurements
6


Similar Part No. - SSC-SZ5-P

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
More results

Similar Description - SSC-SZ5-P

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
W49180 SEOUL-W49180 Datasheet
497Kb / 17P
   Super high flux output and high luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
SAWW8X1A SEOUL-SAWW8X1A Datasheet
2Mb / 23P
   Super high Flux output and high Luminance
XZ20360 SEOUL-XZ20360 Datasheet
518Kb / 17P
   Super high Flux output and high Luminance
X42180-08 SEOUL-X42180-08 Datasheet
4Mb / 1P
   Super high flux output and high luminance
SZW05A0B SEOUL-SZW05A0B Datasheet
728Kb / 22P
   Super high Flux output and high Luminance
SSC-SZA05A0A SEOUL-SSC-SZA05A0A Datasheet
793Kb / 21P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com