Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1027C Datasheet(PDF) 2 Page - Linear Technology

Part # LT1027C
Description  Precision 5V Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1027C Datasheet(HTML) 2 Page - Linear Technology

  LT1027C Datasheet HTML 1Page - Linear Technology LT1027C Datasheet HTML 2Page - Linear Technology LT1027C Datasheet HTML 3Page - Linear Technology LT1027C Datasheet HTML 4Page - Linear Technology LT1027C Datasheet HTML 5Page - Linear Technology LT1027C Datasheet HTML 6Page - Linear Technology LT1027C Datasheet HTML 7Page - Linear Technology LT1027C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LT1027
2
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
Output Voltage (Note 2)
LT1027A
4.9990
5.000
5.0010
V
LT1027B, C, D
4.9975
5.000
5.0025
LT1027E
4.9950
5.000
5.0050
TCVOUT
Output Voltage Temperature Coefficient
LT1027A, B
q
1
2
ppm/
°C
(Note 3)
LT1027C
q
23
LT1027D
q
25
LT1027E
q
3
7.5
Supply Voltage (VIN) ............................................... 40V
Input-Output Voltage Differential ............................ 35V
Output to Ground Voltage ......................................... 7V
VTRIM to Ground Voltage
Positive ................................................................ 5V
Negative .......................................................... – 0.3V
Output Short-Circuit Duration
VIN > 20V ........................................................ 10 sec
VIN ≤ 20V ................................................... Indefinite
Operating Temperature Range
LT1027C ................................................ 0
°C to 70°C
LT1027M ......................................... – 55
°C to 125°C
Storage Temperature Range
All Devices ....................................... – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
TOP VIEW
NC*
NC*
NC*
VIN
VOUT
VTRIM
NR
GND
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
ORDER PART NUMBER
ORDER PART NUMBER
ORDER PART NUMBER
TJMAX = 100°C, θJA = 130°C/W
TJMAX = 100°C, θJA = 180°C/W
1
2
3
4
8
7
6
5
TOP VIEW
VIN
NC*
NC*
NC*
NR
GND
VTRIM
VOUT
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
TOP VIEW
NC*
NC*
NC*
VIN
VOUT
VTRIM
NR
GND
N8 PACKAGE
8-LEAD PDIP
LT1027ACH-5
LT1027BCH-5
LT1027CCH-5
LT1027DCH-5
LT1027ECH-5
LT1027BCN8-5
LT1027CCN8-5
LT1027DCN8-5
LT1027ECN8-5
LT1027CCS8-5
LT1027DCS8-5
LT1027ECS8-5
1027C5
1027D5
1027E5
S8 PART MARKING
*Connected internally. Do not connect external circuitry to these pins. Consult factory for Industrial and Military grade parts.
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating
temperature range otherwise specifications are at TA = 25°C. VIN = 10V, ILOAD = 0, unless otherwise specified.
(Note 1)


Similar Part No. - LT1027C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1027 LINER-LT1027 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LT1027 LINER-LT1027 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LT1027 LINER-LT1027 Datasheet
220Kb / 8P
   Precision 5V Reference
LT1027LS8 LINER-LT1027LS8 Datasheet
3Mb / 14P
   Precision, Low Noise, High Stability Hermetic Voltage Reference
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
   Precision 5V Reference
More results

Similar Description - LT1027C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
   Precision 5V Reference
RH1021-5 LINER-RH1021-5_15 Datasheet
101Kb / 4P
   Precision 5V Reference
RH1021-5 LINER-RH1021-5 Datasheet
137Kb / 4P
   Precision 5V Reference
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
   5V Precision Voltage Reference
1996
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
   5V Precision VOLTAGE REFERENCE
logo
List of Unclassifed Man...
REF50Z ETC-REF50Z Datasheet
238Kb / 9P
   5V MICROPOWER PRECISION REFERENCE
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
[Old version datasheet]   5V Precision VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
2004
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
   5V PRECISION VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
Rev 2; 7/04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com