Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TWH104-HL Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # TWH104-HL
Description  Small size suitable for compact appliances
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

TWH104-HL Datasheet(HTML) 3 Page - Seoul Semiconductor

  TWH104-HL Datasheet HTML 1Page - Seoul Semiconductor TWH104-HL Datasheet HTML 2Page - Seoul Semiconductor TWH104-HL Datasheet HTML 3Page - Seoul Semiconductor TWH104-HL Datasheet HTML 4Page - Seoul Semiconductor TWH104-HL Datasheet HTML 5Page - Seoul Semiconductor TWH104-HL Datasheet HTML 6Page - Seoul Semiconductor TWH104-HL Datasheet HTML 7Page - Seoul Semiconductor TWH104-HL Datasheet HTML 8Page - Seoul Semiconductor TWH104-HL Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.0.0)
Rev. 05
Rev. 05
January 2012
January 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
TWH104-HL
Cellular phone’s keypad
lightning
Information Boards
Features
Applications
-
Small size suitable for compact
appliances.
-
Surface-mounted chip LED
device.
-
Pb-free and RoHS complaint
component.
-
High brightness, High efficiency
-
Tape and Reel packing.
-
Increases the life time of battery.
1. Description
TWH104-HL
1.6 X 0.8 X 0.4 mm
White color lighting SMD
Chip LED
Flat molding
Add Zener diode


Similar Part No. - TWH104-HL

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
TWH104-H SEOUL-TWH104-H Datasheet
983Kb / 12P
   CHIP LED DEVICE
TWH104-HE SEOUL-TWH104-HE Datasheet
317Kb / 13P
   White color lighting SMD Chip LED
TWH104-HS SEOUL-TWH104-HS Datasheet
317Kb / 13P
   Small size suitable for compact appliances
More results

Similar Description - TWH104-HL

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
YGFR411-H SEOUL-YGFR411-H Datasheet
308Kb / 13P
   Small size suitable for compact appliances
UR202 SEOUL-UR202 Datasheet
276Kb / 13P
   Small size suitable for compact appliances
WH104-LC SEOUL-WH104-LC Datasheet
1Mb / 13P
   Small size suitable for compact appliances.
NB104 SEOUL-NB104_12 Datasheet
280Kb / 13P
   Small size suitable for compact appliances
TWH104-HS SEOUL-TWH104-HS Datasheet
317Kb / 13P
   Small size suitable for compact appliances
THBTGFR421 SEOUL-THBTGFR421 Datasheet
390Kb / 13P
   Small size suitable for compact appliances
YG101 SEOUL-YG101 Datasheet
284Kb / 13P
   Small size suitable for compact appliances.
YG101-IC1 SEOUL-YG101-IC1 Datasheet
1Mb / 14P
   Small size suitable for compact appliances
UY101-IE1 SEOUL-UY101-IE1 Datasheet
284Kb / 13P
   Small size suitable for compact appliances
WH104-NZ SEOUL-WH104-NZ Datasheet
1Mb / 13P
   Small size suitable for compact appliances
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com