Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3014B Datasheet(PDF) 1 Page - Linear Technology

Part # LT3014B
Description  20mA, 3V to 80V Low Dropout Micropower Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3014B Datasheet(HTML) 1 Page - Linear Technology

  LT3014B_15 Datasheet HTML 1Page - Linear Technology LT3014B_15 Datasheet HTML 2Page - Linear Technology LT3014B_15 Datasheet HTML 3Page - Linear Technology LT3014B_15 Datasheet HTML 4Page - Linear Technology LT3014B_15 Datasheet HTML 5Page - Linear Technology LT3014B_15 Datasheet HTML 6Page - Linear Technology LT3014B_15 Datasheet HTML 7Page - Linear Technology LT3014B_15 Datasheet HTML 8Page - Linear Technology LT3014B_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT3014B
1
3014bfb
For more information www.linear.com/LT3014B
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
20mA, 3V to 80V
Low Dropout Micropower
Linear Regulator
The LT®3014B is a high voltage, micropower low drop-
outlinear regulator. The device is capable of supplying
20mA of output current with a dropout voltage of 350mV.
Designed for use in battery-powered or high voltage sys-
tems, the low quiescent current (7µA operating) makes
the LT3014B an ideal choice. Quiescent current is also
well controlled in dropout.
OtherfeaturesoftheLT3014Bincludetheabilitytooperate
withverysmalloutputcapacitors.Theregulatorsarestable
with only 0.47µF on the output while most older devices
requirebetween10µFand100µFforstability.Smallceramic
capacitors can be used without the necessary addition of
ESR as is common with other regulators. Internal protec-
tion circuitry includes reverse-battery protection, current
limiting, thermal limiting and reverse current protection.
The device is available as an adjustable device with a 1.22V
reference voltage. The LT3014B regulator is available in
the 5-lead ThinSOT and 8-lead DFN packages.
Dropout Voltage
n
Wide Input Voltage Range: 3V to 80V
n
Low Quiescent Current: 7µA
n
Low Dropout Voltage: 350mV
n
Output Current: 20mA
n
LT3014BHV Survives 100V Transients (2ms)
n
No Protection Diodes Needed
n
Adjustable Output from 1.22V to 60V
n
Stable with 0.47µF Output Capacitor
n
Stable with Aluminum, Tantalum or Ceramic
Capacitors
n
Reverse-Battery Protection
n
No Reverse Current Flow from Output
n
Thermal Limiting
n
Available in 5-Lead ThinSOTTM and
8-Lead DFN Packages
n
Low Current High Voltage Regulators
n
Regulator for Battery-Powered Systems
n
Telecom Applications
n
Automotive Applications
L
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6118263, 6144250.
5V Supply
400
350
300
250
200
150
100
50
0
3014B TA02
OUTPUT CURRENT (mA)
0
4
10 12
2
6
8
14 16 18 20
IN
LT3014B
1µF
VIN
5.4V TO
80V
OUT
ADJ
GND
3014B TA01
VOUT
5V
20mA
0.47µF
3.92M
1.27M


Similar Part No. - LT3014B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3014BEDD LINER-LT3014BEDD Datasheet
182Kb / 12P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014BES5 LINER-LT3014BES5 Datasheet
182Kb / 12P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014BHVEDD LINER-LT3014BHVEDD Datasheet
182Kb / 12P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014BHVES5 LINER-LT3014BHVES5 Datasheet
182Kb / 12P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
More results

Similar Description - LT3014B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3014 LINER-LT3014 Datasheet
200Kb / 16P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014 LINER-LT3014_15 Datasheet
186Kb / 16P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3014B LINER-LT3014B Datasheet
182Kb / 12P
   20mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3011 LINER-LT3011 Datasheet
225Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012 LINER-LT3012 Datasheet
181Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com