Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3020-1.5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3020-1.5
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3020-1.5 Datasheet(HTML) 3 Page - Linear Technology

  LT3020-1.5_15 Datasheet HTML 1Page - Linear Technology LT3020-1.5_15 Datasheet HTML 2Page - Linear Technology LT3020-1.5_15 Datasheet HTML 3Page - Linear Technology LT3020-1.5_15 Datasheet HTML 4Page - Linear Technology LT3020-1.5_15 Datasheet HTML 5Page - Linear Technology LT3020-1.5_15 Datasheet HTML 6Page - Linear Technology LT3020-1.5_15 Datasheet HTML 7Page - Linear Technology LT3020-1.5_15 Datasheet HTML 8Page - Linear Technology LT3020-1.5_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
3020fc
Minimum Input Voltage (Note 14)
ILOAD = 100mA, TJ > 0°C
0.9
1.05
V
ILOAD = 100mA, TJ < 0°C
0.9
1.10
V
ADJ Pin Voltage (Notes 4, 5)
VIN = 1.5V, ILOAD = 1mA
196
200
204
mV
1.15V < VIN < 10V, 1mA < ILOAD < 100mA
193
200
206
mV
Regulated Output Voltage
LT3020-1.2
VIN = 1.5V, ILOAD = 1mA
1.176
1.200
1.224
V
(Note 4)
1.5V < VIN < 10V, 1mA < ILOAD < 100mA
1.157
1.200
1.236
V
LT3020-1.5
VIN = 1.8V, ILOAD = 1mA
1.470
1.500
1.530
V
1.8V < VIN < 10V, 1mA < ILOAD < 100mA
1.447
1.500
1.545
V
LT3020-1.8
VIN = 2.1V, ILOAD = 1mA
1.764
1.800
1.836
V
2.1V < VIN < 10V, 1mA < ILOAD < 100mA
1.737
1.800
1.854
V
Line Regulation (Note 6)
∆VIN = 1.15V to 10V, ILOAD = 1mA
–1.75
0
1.75
mV
LT3020-1.2
∆VIN = 1.5V to 10V, ILOAD = 1mA
–10.5
0
10.5
mV
LT3020-1.5
∆VIN = 1.8V to 10V, ILOAD = 1mA
–13
0
13
mV
LT3020-1.8
∆VIN = 2.1V to 10V, ILOAD = 1mA
–15.8
0
15.8
mV
Load Regulation (Note 6)
VIN = 1.15V, ∆ILOAD = 1mA to 100mA
–1
0.4
1
mV
LT3020-1.2
VIN = 1.5V, ∆ILOAD = 1mA to 100mA
–6
1
6
mV
LT3020-1.5
VIN = 1.8V, ∆ILOAD = 1mA to 100mA
–7.5
1.5
7.5
mV
LT3020-1.8
VIN = 2.1V, ∆ILOAD = 1mA to 100mA
–9
2
9
mV
Dropout Voltage (Notes 7, 12)
ILOAD = 10mA
85
115
mV
ILOAD = 10mA
180
mV
ILOAD = 100mA
150
180
mV
ILOAD = 100mA
285
mV
GND Pin Current
ILOAD = 0mA
120
250
µA
VIN = VOUT(NOMINAL)
ILOAD = 1mA
570
µA
(Notes 8, 12)
ILOAD = 10mA
920
µA
ILOAD = 100mA
2.25
3.5
mA
Output Voltage Noise
COUT = 2.2µF, ILOAD = 100mA, BW = 10Hz to 100kHz, VOUT = 1.2V
245
µVRMS
ADJ Pin Bias Current
VADJ = 0.2V, RIPPLE = 1.2V (Notes 6, 9)
20
50
nA
Shutdown Threshold
VOUT = Off to On
0.61
0.9
V
VOUT = On to Off
0.25
0.61
V
SHDN Pin Current (Note 10)
VSHDN = 0V, VIN = 10V
±1
µA
VSHDN = 10V, VIN = 10V
3
9.5
µA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
3
9
µA
Ripple Rejection (Note 6)
VIN – VOUT = 1V, VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz, ILOAD = 100mA
64
dB
LT3020-1.2 VIN – VOUT = 1V, VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
60
dB
ILOAD = 100mA
LT3020-1.5 VIN – VOUT = 1V, VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
58
dB
ILOAD = 100mA
LT3020-1.8 VIN – VOUT = 1V, VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
56
dB
ILOAD = 100mA
The
denotes specifications which apply over the full operating temperature range, otherwise specifications are TJ = 25°C.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS


Similar Part No. - LT3020-1.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020-1.5 LINER-LT3020-1.5 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LT3020-1.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020IMS8 LINER-LT3020IMS8 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com