Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3020-1.5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3020-1.5
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3020-1.5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3020-1.5_15 Datasheet HTML 2Page - Linear Technology LT3020-1.5_15 Datasheet HTML 3Page - Linear Technology LT3020-1.5_15 Datasheet HTML 4Page - Linear Technology LT3020-1.5_15 Datasheet HTML 5Page - Linear Technology LT3020-1.5_15 Datasheet HTML 6Page - Linear Technology LT3020-1.5_15 Datasheet HTML 7Page - Linear Technology LT3020-1.5_15 Datasheet HTML 8Page - Linear Technology LT3020-1.5_15 Datasheet HTML 9Page - Linear Technology LT3020-1.5_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
3020fc
GND Pin Current vs ILOAD
SHDN Pin Threshold
SHDN Pin Input Current
SHDN Pin Input Current (
µA)
ADJ Pin Bias Current
OUTPUT CURRENT (mA)
0
2000
1800
1600
1200
1400
1000
800
600
400
200
0
80
3020 G07
20
10
30
50
70
90
40
60
100
VIN = 1.7V
VOUT = 1.2V
TJ = 25°C
TEMPERATURE (
°C)
–50
1.0
0.9
0.8
0.6
0.7
0.5
0.4
0.3
0.2
0.1
0
3020 G08
25
0
–25
50
75
125
100
IL = 1mA
SHDN PIN VOLTAGE (V)
0
5.0
4.5
4.0
3.0
3.5
2.5
2.0
1.5
1.0
0.5
0
8
3020 G09
2
135
79
4
6
10
TJ = 25°C
TEMPERATURE (
°C)
–50
0
3020 G10
25
0
–25
50
75
125
100
VSHDN = 10V
5.0
4.5
4.0
3.0
3.5
2.5
2.0
1.5
1.0
0.5
0
TEMPERATURE (
°C)
–50
25
20
15
5
10
0
3020 G11
25
0
–25
50
75
125
100
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
2500
2250
2000
1750
1500
1250
1000
750
500
250
0
3020 G28
0123
4
5
67
8
9
10
VOUT = 1.5V (LT 3020-1.5)
TJ = 25°C
RL = 15Ω
IL = 100mA
RL = 30Ω
IL = 50mA
RL = 150Ω
IL = 10mA
RL = 1.5k
IL = 1mA
GND Pin Current
INPUT VOLTAGE (V)
1000
900
800
700
600
500
400
300
200
100
0
3020 G25
0123
4
5
67
8
9
10
VOUT = 1.8V (LT 3020-1.8)
IL = 0
TJ = 25°C
VSHDN = VIN
VSHDN = 0V
INPUT VOLTAGE (V)
2500
2250
2000
1750
1500
1250
1000
750
500
250
0
3020 G26
0123
4
5
67
8
9
10
VOUT = 1.8V (LT 3020-1.8)
TJ = 25°C
RL = 18Ω
IL = 100mA
RL = 36Ω
IL = 50mA
RL = 180Ω
IL = 10mA
RL = 1.8k
IL = 1mA
INPUT VOLTAGE (V)
1000
900
800
700
600
500
400
300
200
100
0
3020 G27
0123
4
5
67
8
9
10
VOUT = 1.5V (LT 3020-1.5)
IL = 0
TJ = 25°C
VSHDN = VIN
VSHDN = 0V
Quiescent Current
GND Pin Current
Quiescent Current


Similar Part No. - LT3020-1.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020-1.5 LINER-LT3020-1.5 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.5 LINER-LT3020-1.5 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
More results

Similar Description - LT3020-1.5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3020-1.2 LINER-LT3020-1.2_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020 LINER-LT3020 Datasheet
207Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020IMS8 LINER-LT3020IMS8 Datasheet
192Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
LT3020-1.8 LINER-LT3020-1.8_15 Datasheet
221Kb / 16P
   100mA, Low Voltage, Very Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Linear Technology
LT3021-1.5 LINER-LT3021-1.5_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021 Datasheet
235Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021 LINER-LT3021_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
LT3021-1.2 LINER-LT3021-1.2_15 Datasheet
195Kb / 16P
   500mA, Low Voltage, Very Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com