Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACH231SP-12YC Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # MACH231SP-12YC
Description  High-Performance EE CMOS Programmable Logic
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACH231SP-12YC Datasheet(HTML) 1 Page - Lattice Semiconductor

  MACH231SP-12YC Datasheet HTML 1Page - Lattice Semiconductor MACH231SP-12YC Datasheet HTML 2Page - Lattice Semiconductor MACH231SP-12YC Datasheet HTML 3Page - Lattice Semiconductor MACH231SP-12YC Datasheet HTML 4Page - Lattice Semiconductor MACH231SP-12YC Datasheet HTML 5Page - Lattice Semiconductor MACH231SP-12YC Datasheet HTML 6Page - Lattice Semiconductor MACH231SP-12YC Datasheet HTML 7Page - Lattice Semiconductor MACH231SP-12YC Datasheet HTML 8Page - Lattice Semiconductor MACH231SP-12YC Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Publication# 14051
Rev: K
Amendment/0
Issue Date: November 1998
MACH 1 and 2 CPLD Families
High-Performance EE CMOS Programmable Logic
FEATURES
x
High-performance electrically-erasable CMOS PLD families
x
32 to 128 macrocells
x
44 to 100 pins in cost-effective PLCC, PQFP and TQFP packages
x
SpeedLocking™ – guaranteed fixed timing up to 16 product terms
x
Commercial 5/5.5/6/7.5/10/12/15-ns tPD and Industrial 7.5/10/12/14/18-ns tPD
x
Configurable macrocells
— Programmable polarity
— Registered or combinatorial outputs
— Internal and I/O feedback paths
— D-type or T-type flip-flops
— Output Enables
— Choice of clocks for each flip-flop
— Input registers for MACH 2 family
x
JTAG (IEEE 1149.1)-compatible, 5-V in-system programming available
x
Peripheral component interconnect (PCI) compliant at 5/5.5/6/7.5/10/12 ns
x
Safe for mixed supply voltage system designs
x
Bus-Friendly™ inputs and I/Os reduce risk of unwanted oscillatory outputs
x
Programmable power-down mode results in power savings of up to 75%
x
Supported by Vantis DesignDirect™ software for rapid logic development
— Supports HDL design methodologies with results optimized for Vantis
— Flexibility to adapt to user requirements
— Software partnerships that ensure customer success
x
Lattice/Vantis and third-party hardware programming support
— Lattice/VantisPRO™ (formerly known as MACHPRO®) software for in-system programmability
support on PCs and Automated Test Equipment
— Programming support on all major programmers including Data I/O, BP Microsystems, Advin,
and System General


Similar Part No. - MACH231SP-12YC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH230-10JC LATTICE-MACH230-10JC Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH230-15JC LATTICE-MACH230-15JC Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH230-20JC LATTICE-MACH230-20JC Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH231SP-12YC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH120-12 LATTICE-MACH120-12 Datasheet
171Kb / 20P
   High-Performance EE CMOS Programmable Logic
MACH4-96 LATTICE-MACH4-96 Datasheet
294Kb / 33P
   High-Performance EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH111-5 AMD-MACH111-5 Datasheet
145Kb / 28P
   High-Performance EE CMOS Programmable Logic
logo
List of Unclassifed Man...
MACH11SP ETC-MACH11SP Datasheet
193Kb / 33P
   High-Performance EE CMOS In-System Programmable Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH220-10 LATTICE-MACH220-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com