Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3475 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3475
Description  Dual Step-Down 1.5A LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3475 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3475_15 Datasheet HTML 2Page - Linear Technology LT3475_15 Datasheet HTML 3Page - Linear Technology LT3475_15 Datasheet HTML 4Page - Linear Technology LT3475_15 Datasheet HTML 5Page - Linear Technology LT3475_15 Datasheet HTML 6Page - Linear Technology LT3475_15 Datasheet HTML 7Page - Linear Technology LT3475_15 Datasheet HTML 8Page - Linear Technology LT3475_15 Datasheet HTML 9Page - Linear Technology LT3475_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3475/LT3475-1
6
3475fb
3475 BD
QR
QS
INT REG
AND
UVLO
SLAVE
OSC
SLOPE COMP
SLOPE COMP
MOSC 1
MOSC 2
FREQUENCY
FOLDBACK
FREQUENCY
FOLDBACK
Q
R
Q
S
MASTER
OSC
SLAVE
OSC
DRIVER
gm1
gm2
BOOST1
BOOST2
D1
D2
D3
D4
DLED1
DLED 2
Q1
Q2
Q3
Q4
C1
C2
CIN
COUT1
COUT2
VC2
CC1
VC1
VADJ1
VADJ2
VIN
VIN
VIN
RT
SHDN
CC2
RT
GND
EXPOSED
PAD
REF
PWM 1
PWM2
LED1
LED2
SW1
SW2
OUT1
OUT2
0.067Ω
100Ω
0.067Ω
100Ω
1.25k
1.25V
1.25k
2V
2V
L1
L2
DRIVER
C1
C2
BLOCK DIAGRAM
RT (Pin 14): The RT pin is used to set the internal
oscillator frequency. Tie a 24.3k resistor from RT to GND
for a 600kHz switching frequency.
SHDN (Pin 16): The SHDN pin is used to shut down the
switching regulator and the internal bias circuits. The
2.6V switching threshold can function as an accurate
undervoltage lockout. Pull below 0.3V to shut down the
LT3475/LT3475-1. Pull above 2.6V to enable the LT3475/
LT3475-1. Tie to VIN if the SHDN function is unused.
REF (Pin 17): The REF pin is the buffered output of the
internal reference. Either tie the REF pin to the VADJ pin
for a 1.5A output current, or use a resistor divider to
generate a lower voltage at the VADJ pin. Leave this pin
unconnected if unused.
VC1, VC2 (Pins 18, 13): The VC pin is the output of the
internal error amp. The voltage on this pin controls the
peak switch current. Use this pin to compensate the
control loop.
VADJ1, VADJ2 (Pins 19, 12): The VADJ pin is the input to
the internal voltage-to-current amplifier. Connect the VADJ
pin to the REF pin for a 1.5A output current. For lower
output currents, program the VADJ pin using the following
formula: ILED = 1.5A • VADJ/1.25V.
PWM1, PWM2 (Pins 20, 11): The PWM pin controls the
connection of the VC pin to the internal circuitry. When
the PWM pin is low, the VC pin is disconnected from the
internal circuitry and draws minimal current. If the PWM
feature is unused, leave this pin unconnected.
PI FU CTIO S


Similar Part No. - LT3475_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475-1 LINER-LT3475-1 Datasheet
243Kb / 20P
   Dual Step-Down l 1.5A LED Driver
LT3475-1 LINER-LT3475-1 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
More results

Similar Description - LT3475_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3475-1 LINER-LT3475-1_15 Datasheet
248Kb / 20P
   Dual Step-Down 1.5A LED Driver
LT3475 LINER-LT3475 Datasheet
243Kb / 20P
   Dual Step-Down l 1.5A LED Driver
logo
Shenzhen Huazhimei Semi...
HM2802 HMSEMI-HM2802 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
HM2801 HMSEMI-HM2801 Datasheet
1Mb / 12P
   30V 1.5A 1MHz Sync Step-Down Dimmable LED Driver
logo
Monolithic Power System...
MP4425M MPS-MP4425M Datasheet
1Mb / 20P
   High Efficiency 1.5A, 36V, 2.2MHz Synchronous Step Down LED Driver
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
   Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
   Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
   1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com