Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS316 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAS316
Description  200mW High Voltage SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS316 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAS316_15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS316_15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS316_15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS316_15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(TA=25°C unless otherwise noted)
Document Number: DS_S1311003
Version: C14
RATINGS AND CHARACTERISTICS CURVES
BAS316
Taiwan Semiconductor
Small Signal Product
0.001
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
Fig. 1 Typical Forward Characteristics
0.01
0.1
1
10
100
0
20406080
100
120
Reverse Voltage (V)
Fig. 2 Reverse Current VS. Reverse Voltage
0
50
100
150
200
250
0
25
50
75
100
125
150
175
Ambient Temperature (°C)
Fig. 3 Admissible Power Dissipation Curve
0
0.3
0.6
0.9
1.2
1.5
0246
8
10
12
14
16
Reverse Voltage (V)
Fig. 4 Typical Junction Capacitance


Similar Part No. - BAS316_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS316115 NXP-BAS316115 Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
logo
SeCoS Halbleitertechnol...
BAS316 SECOS-BAS316_15 Datasheet
1Mb / 3P
   Surface Mount Switching Diode
More results

Similar Description - BAS316_15

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV19WS TSC-BAV19WS_15 Datasheet
210Kb / 4P
   200mW High Voltage SMD Switching Diode
BAS316 TSC-BAS316 Datasheet
138Kb / 3P
   200mW High Voltage SMD Switching Diode
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
   200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
   200mW, SMD High Speed Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
   200mW High Speed SMD Switching Diode
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
   200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
   200mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com