Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS316RRG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAS316RRG
Description  200mW High Voltage SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS316RRG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAS316RRG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS316RRG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS316RRG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS316RRG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSIONS
Min
Max
Min
Max
A
1.150
1.400
0.045
0.055
B
2.300
2.700
0.091
0.106
C
0.250
0.450
0.010
0.018
D
1.600
1.800
0.063
0.071
E
0.800
1.000
0.031
0.039
F
0.050
0.177
0.002
0.007
G
H
-
0.100
-
0.004
SUGGESTED PAD LAYOUT
G
X
X1
Y
Document Number: DS_S1311003
Version: C14
ORDER INFORMATION (EXAMPLE)
Min
0.59
DIM.
Unit (mm)
Unit (inch)
0.475 REF
0.019 REF
DIM.
Unit (mm)
Unit (inch)
Min
0.060
1.52
BAS316
Taiwan Semiconductor
Small Signal Product
0.018
0.45
0.106
2.70
0.023
B
A
E
D
C
F
G
H
BAS316 RRG
Green compound code
Packing code
Part no.


Similar Part No. - BAS316RRG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS316RRG TSC-BAS316RRG Datasheet
138Kb / 3P
   200mW High Voltage SMD Switching Diode
More results

Similar Description - BAS316RRG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV19WS TSC-BAV19WS_15 Datasheet
210Kb / 4P
   200mW High Voltage SMD Switching Diode
BAS316 TSC-BAS316 Datasheet
138Kb / 3P
   200mW High Voltage SMD Switching Diode
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
   200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
   200mW, SMD High Speed Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
   200mW High Speed SMD Switching Diode
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
   200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
   200mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com