Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1128C Datasheet(PDF) 1 Page - Linear Technology

Part # LT1128C
Description  Ultra Low Noise Precision High Speed Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1128C Datasheet(HTML) 1 Page - Linear Technology

  LT1128C Datasheet HTML 1Page - Linear Technology LT1128C Datasheet HTML 2Page - Linear Technology LT1128C Datasheet HTML 3Page - Linear Technology LT1128C Datasheet HTML 4Page - Linear Technology LT1128C Datasheet HTML 5Page - Linear Technology LT1128C Datasheet HTML 6Page - Linear Technology LT1128C Datasheet HTML 7Page - Linear Technology LT1128C Datasheet HTML 8Page - Linear Technology LT1128C Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LT1028/LT1128
s
Voltage Noise
1.1nV/
√Hz Max. at 1kHz
0.85nV/
√Hz Typ. at 1kHz
1.0nV/
√Hz Typ. at 10Hz
35nVP-P Typ., 0.1Hz to 10Hz
s
Voltage and Current Noise 100% Tested
s
Gain-Bandwidth Product
LT1028: 50MHz Min.
LT1128: 13MHz Min.
s
Slew Rate
LT1028: 11V/
µs Min.
LT1128: 5V/
µs Min.
s
Offset Voltage: 40
µV Max.
s
Drift with Temperature: 0.8
µV/°C Max.
s
Voltage Gain: 7 Million Min.
s
Available in 8-Pin SO Package
The LT1028(gain of –1 stable)/LT1128(gain of +1 stable)
achieve a new standard of excellence in noise performance
with 0.85nV/
√Hz 1kHz noise, 1.0nV/√Hz 10Hz noise. This
ultra low noise is combined with excellent high speed
specifications (gain-bandwidth product is 75MHz for
LT1028, 20MHz for LT1128), distortion-free output, and
true precision parameters (0.1
µV/°C drift, 10µV offset
voltage, 30 million voltage gain). Although the LT1028/
LT1128 input stage operates at nearly 1mA of collector
current to achieve low voltage noise, input bias current is
only 25nA.
The LT1028/LT1128’s voltage noise is less than the noise
of a 50
Ω resistor. Therefore, even in very low source
impedance transducer or audio amplifier applications, the
LT1028/LT1128’s contribution to total system noise will
be negligible.
Ultra Low Noise Precision
High Speed Op Amps
S
APPLICATI
Flux Gate Amplifier
Voltage Noise vs Frequency
+
DEMODULATOR
SYNC
OUTPUT TO
DEMODULATOR
LT1028
1k
50
SQUARE
WAVE
DRIVE
1kHz
FLUX GATE
TYPICAL
SCHONSTEDT
#203132
1028/1128 TA01
FREQUENCY (Hz)
1
0.1
1
10
10
100
1028/1128 TA02
0.1
1k
1/f CORNER = 3.5Hz
1/f CORNER = 14Hz
TYPICAL
MAXIMUM
VS = ±15V
TA = 25°C
S
FEATURE
s
Low Noise Frequency Synthesizers
s
High Quality Audio
s
Infrared Detectors
s
Accelerometer and Gyro Amplifiers
s
350
Ω Bridge Signal Conditioning
s
Magnetic Search Coil Amplifiers
s
Hydrophone Amplfiers
DESCRIPTIO


Similar Part No. - LT1128C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1128CJ8 LINER-LT1128CJ8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1128CN8 LINER-LT1128CN8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
LT1128CS8 LINER-LT1128CS8 Datasheet
450Kb / 20P
   Ultralow Noise Precision High Speed Op Amps
More results

Similar Description - LT1128C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44250 MAXIM-MAX44250_13 Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44252ASD-T MAXIM-MAX44252ASD-T Datasheet
2Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 3; 4/13
MAX44250 MAXIM-MAX44250_V01 Datasheet
1Mb / 14P
   20V, Ultra-Precision, Low-Noise Op Amps
2017
MAX44251 MAXIM-MAX44251 Datasheet
2Mb / 15P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 0; 10/11
MAX44250 MAXIM-MAX44250 Datasheet
2Mb / 17P
   20V, Ultra-Precision, Low-Noise Op Amps
Rev 2; 8/12
logo
Linear Technology
LT1028 LINER-LT1028_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M Datasheet
149Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
   Ultralow Noise Precision High Speed Op Amps
RH1128M LINER-RH1128M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
RH1028M LINER-RH1028M_15 Datasheet
160Kb / 2P
   Ultralow Noise Precision High Speed Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com