Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3519-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3519-1
Description  LED Driver with Integrated Schottky Diode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3519-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3519-1_15 Datasheet HTML 7Page - Linear Technology LT3519-1_15 Datasheet HTML 8Page - Linear Technology LT3519-1_15 Datasheet HTML 9Page - Linear Technology LT3519-1_15 Datasheet HTML 10Page - Linear Technology LT3519-1_15 Datasheet HTML 11Page - Linear Technology LT3519-1_15 Datasheet HTML 12Page - Linear Technology LT3519-1_15 Datasheet HTML 13Page - Linear Technology LT3519-1_15 Datasheet HTML 14Page - Linear Technology LT3519-1_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3519/LT3519-1/LT3519-2
11
3519fa
APPLICATIONS INFORMATION
ESL and have an adequate ripple current rating. A 2.2μF
ceramic type capacitor is usually sufficient for LT3519
(400kHz version). A capacitor of proportionately less
value for LT3519-1/LT3519-2 (higher frequency version)
can be used.
Output Capacitor Selection
The selection of output capacitor depends on the load
and converter configuration, i.e., step-up or step-down
and the operating frequency. For LED applications, the
equivalent resistance of the LED is typically low, and the
output filter capacitor should be sized to attenuate the
current ripple.
To achieve the same LED ripple current, the required filter
capacitor value is larger in the boost and buck-boost mode
applications than that in the buck mode applications. Lower
operating frequencies will require proportionately higher
capacitor values. For LED buck mode applications, a 1μF
ceramic capacitor is usually sufficient. For the LED boost
and buck-boost mode applications, a 2.2μF ceramic ca-
pacitor is usually sufficient. Very high performance PWM
dimming applications may require a larger capacitor value
to support the LED voltage during PWM transitions.
Use only ceramic capacitors with X7R, X5R or better dielec-
tric as they are best for temperature and DC bias stability
of the capacitor value. All ceramic capacitors exhibit loss
of capacitance value with increasing DC voltage bias, so
it may be necessary to choose a higher value capacitor
to get the required capacitance at the operation voltage.
Always check that the voltage rating of the capacitor is
sufficient.
Table 2. Recommended Ceramic Capacitor Vendors
VENDOR
PHONE
WEB
TDK
(516)535-2600
www.tdk.com
Kemet
(408)986-0424
www.kemet.com
Murata
(814)237-1431
www.murata.com
Taiyo Yuden
(408)573-4150
www.t-yuden.com
Inductor Selection
The inductor used with the LT3519/LT3519-1/LT3519-2
should have a saturation current rating of 1A or greater.
For buck mode LED drivers, the inductor value should be
chosen to give a ripple current 150mA or more. In the
buck mode, the inductor value can be estimated using
the formula:
LµH
()=
DBUCK •VIN –VLED
()
fOSC (MHz)•0.15A
µH • A •MHz
V
DBUCK =
VLED
VIN
VLED is the voltage across the LED string, VIN is the input
voltage to the converter, and fOSCistheswitchingfrequency.
In the boost configuration, the inductor can be estimated
using the formula:
LµH
()= DBOOST •VIN
fOSC (MHz)•0.15A
µH • A •MHz
V
DBOOST =
VLED –VIN
()
VLED
Table 1. Recommended Inductor Vendors
VENDOR
PHONE
WEB
Sumida
(408)321-9660
www.sumida.com
Toko
(408)432-8281
www.toko.com
Cooper
(561)998-4100
www.cooperet.com
Vishay
(402)563-6866
www.vishay.com
Input Capacitor Selection
For proper operation, it is necessary to place a bypass
capacitor to GND close to the VIN pin of the LT3519/
LT3519-1/LT3519-2. A 1μF or greater capacitor with low
ESR should be used. A ceramic capacitor is usually the
best choice.
In the buck mode configuration, the capacitor at the input
to the power converter has large pulsed currents. For
best reliability, this capacitor should have low ESR and


Similar Part No. - LT3519-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3519-1 LINER-LT3519-1 Datasheet
425Kb / 32P
   8-Channel 횞 100mA LED Driver
More results

Similar Description - LT3519-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3519 LINER-LT3519_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519-2 LINER-LT3519-2_15 Datasheet
271Kb / 20P
   LED Driver with Integrated Schottky Diode
LT3519 LINER-LT3519 Datasheet
245Kb / 16P
   LED Driver with Integrated Schottky Diode
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
   White LED Driver with Integrated Schottky
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
   White LED Driver with Integrated Schottky in SC70
logo
Renesas Technology Corp
ISL97631 RENESAS-ISL97631 Datasheet
471Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
Intersil Corporation
ISL97631 INTERSIL-ISL97631 Datasheet
331Kb / 8P
   White LED Boost Regulator With Integrated Schottky Diode
logo
ON Semiconductor
FAN5341 ONSEMI-FAN5341 Datasheet
654Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
October-2017, Rev .2
logo
Fairchild Semiconductor
FAN5341 FAIRCHILD-FAN5341 Datasheet
699Kb / 11P
   Series Boost LED Driver with Integrated Schottky Diode and Single-Wire Digital Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com