Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


LT1038 Datasheet(PDF) 1 Page - Linear Technology

Part No. LT1038
Description  10Amp Positive Adjustable Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

   
 1 page
background image
LT1038
1
TYPICAL APPLICATIONS
APPLICATIO S
DESCRIPTIO
FEATURES
The LT
®1038 is a three terminal regulator which is capable
of providing in excess of 10A output current over 1.2V to
32V range. The device is packaged in a standard T0-3
power package and is plug-in compatible with industry
standard adjustable regulators, such as the LM117 and
LM138. Also, the LT1038 is a functional replacement for
the LM396.
In addition to excellent load and line regulations, the
LT1038 is fully protected by current limiting, safe area
protection and thermal shutdown. New current limiting
circuitry allows transient load currents up to 24A to be
supplied for 500
µs without causing the regulator to cur-
rent limit and drop out of regulation during the transient.
On-chip trimming of initial reference voltage to
±0.8%
combined with 0.4% load regulation minimize errors in all
high current applications. Further, the LT1038 is manufac-
tured with standard bipolar processing and has Linear
Technology’s high reliability.
s
System Power Supplies
s
High Power Linear Regulator
s
Battery Chargers
s
Power Driver
s
Constant Current Regulator
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Guaranteed 0.8% Initial Tolerance
s
Guaranteed 0.4% Load Regulation
s
Guaranteed 10A Output Current
s
100% Thermal Limit Burn-In
s
24A Transient Output Current
s
Standard Adjustable Pinout
s
Operates to 35V
10A Positive
Adjustable Voltage
Regulator
5V, 10A Regulator
Load Regulation
VIN
LT1038
ADJ
VOUT
+
VIN ≥ 8V
5V
AT 10A
121
1%
365
1%
1038 TA01
+
1
µF10µF
TEMPERATURE (
°C)
–75
–25
25
50
150
1038 TA02
–50
0
75 100 125
0.2
0.1
0
– 0.1
– 0.2
– 0.3
– 0.4
IOUT = 6A
IOUT = 10A
VIN = 15V
VOUT = 10V
PRELOAD = 100mA
OBSOLETE PRODUCT
DATA SHEET FOR REFERENCE ONLY
Consult www.linear.com for possible alternate source.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM317LADJUSTABLE VOLTAGE REGULATOR POSITIVE 1 2 3 HTC Korea TAEJIN Technology Co.
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM317CM3-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
AN78XX3-pin positive output voltage regulator 1 A type 1 2 3 4 5 MorePanasonic Semiconductor
LD1117ALOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LM3173-Terminal Positive Adjustable Regulator 1 2 3 4 5 Fairchild Semiconductor
AN65314-pin variable positive output voltage regulator 1 2 3 4 5 Panasonic Semiconductor
LM317L3-Terminal 0.1A Positive Adjustable Regulator 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl