Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


LT1038 Datasheet(PDF) 4 Page - Linear Technology

Part No. LT1038
Description  10Amp Positive Adjustable Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LINER [Linear Technology]
Homepage  http://www.linear.com
Logo 

   
 4 page
background image
LT1038
4
TYPICAL PERFOR A CE CHARACTERISTICS
Ripple Rejection
Ripple Rejection
Current Limit
Current Limit
Current Limit
Line Transient Response
Load Transient Response
FREQUENCY (Hz)
10
100
80
60
40
20
0
100k
1038 G07
100
1k
10k
1M
VIN = 15V
VOUT = 10V
IOUT = 1A
CADJ = 10µF
CADJ = 0µF
OUTPUT CURRENT (A)
0.1
80
70
60
50
40
110
1038 G08
VIN = 15V
VOUT = 10V
f = 120Hz
TCASE = 25°C
CADJ = 10µF
CADJ = 0µF
INPUT-OUTPUT DIFFERENTIAL (V)
0
40
1195 G20
10
20
30
32
24
16
8
0
PEAK CURRENT LIMIT
DC CURRENT LIMIT
TCASE = 25°C
PRELOAD = 0A
PRELOAD = 10A
PRELOAD = 2A
TIME (ms)
0.1
28
24
20
16
12
8
4
0
1
10
100
LTXXX GXX
VIN = 10V
VOUT = 5V
TCASE = 25°C
PRELOAD = 0A
PRELOAD = 10A
TIME (ms)
0.1
28
24
20
16
12
8
4
0
1
10
100
1038 G11
VIN – VOUT = 10V
VIN – VOUT = 15V
VIN – VOUT = 20V
VIN – VOUT = 30V
PRELOAD CURRENT = 0A
TCASE = 25°C
TIME (
µs)
30
1.5
1.0
0.5
0
– 0.5
–1.0
–1.5
1.0
0.5
0
1038 G12
010
20
40
VOUT = 10V
IOUT = 100mA
Tj = 25°C
CL = 1µF; CL = 10µF
COUT = 0A
CADJ = 0A
TIME (
µs)
30
3
2
1
0
–1
–2
–3
6
4
2
0
1038 G13
010
20
40
VIN = 15V
VOUT = 10V
TCASE = 25°C
PRELOAD = 200mA
CL = 1µF; CADJ = 10µF
CL = 0µF; CADJ = 0µF




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM317LADJUSTABLE VOLTAGE REGULATOR POSITIVE 1 2 3 HTC Korea TAEJIN Technology Co.
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM78XX3-Terminal 1A Positive Voltage Regulator 1 2 3 4 5 MoreFairchild Semiconductor
LM317CM3-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
AN78XX3-pin positive output voltage regulator 1 A type 1 2 3 4 5 MorePanasonic Semiconductor
LD1117ALOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LM3173-Terminal Positive Adjustable Regulator 1 2 3 4 5 Fairchild Semiconductor
AN65314-pin variable positive output voltage regulator 1 2 3 4 5 Panasonic Semiconductor
LM317L3-Terminal 0.1A Positive Adjustable Regulator 1 2 3 4 5 MoreFairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl