Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACH111-12JI Datasheet(PDF) 7 Page - Lattice Semiconductor

Part # MACH111-12JI
Description  High-Performance EE CMOS Programmable Logic
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACH111-12JI Datasheet(HTML) 7 Page - Lattice Semiconductor

Back Button MACH111-12JI Datasheet HTML 3Page - Lattice Semiconductor MACH111-12JI Datasheet HTML 4Page - Lattice Semiconductor MACH111-12JI Datasheet HTML 5Page - Lattice Semiconductor MACH111-12JI Datasheet HTML 6Page - Lattice Semiconductor MACH111-12JI Datasheet HTML 7Page - Lattice Semiconductor MACH111-12JI Datasheet HTML 8Page - Lattice Semiconductor MACH111-12JI Datasheet HTML 9Page - Lattice Semiconductor MACH111-12JI Datasheet HTML 10Page - Lattice Semiconductor MACH111-12JI Datasheet HTML 11Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
MACH 1 & 2 Families
7
Macrocell
There are two fundamental types of macrocell: the output macrocell and the buried macrocell. The
buried macrocell is only found in MACH 2 devices. The use of buried macrocells effectively
doubles the number of macrocells available without increasing the pin count.
Both macrocell types can generate registered or combinatorial outputs. For the MACH 2 series,
a transparent-low latch configuration is provided. If the register is used, it can be configured as
a T-type or a D-type flip-flop. Register and latch functionality is defined in Table 9.
Programmable polarity (for output macrocells) and the T-type flip-flop both give the software a
way to minimize the number of product terms needed. These choices can be made automatically
by the software when it fits the design into the device.
Table 7. Logic Allocation for MACH211(SP) and MACH231(SP)
Macrocell
Available Clusters
Macrocell
Available Clusters
Output
Buried
Output
Buried
M0
M1
C0, C1, C2
C0, C1, C2, C3
M8
M9
C7, C8, C9, C10
C8, C9, C10, C11
M2
M3
C1, C2, C3, C4
C2, C3, C4, C5
M10
M11
C9, C10, C11, C12
C10, C11, C12, C13
M4
M5
C3, C4, C5, C6
C4, C5, C6, C7
M12
M13
C11, C12, C13, C14
C12, C13, C14, C15
M6
M7
C5, C6, C7, C8
C6, C7, C8, C9
M14
M15
C13, C14, C15
C14, C15
Table 8. Logic Allocation for MACH221(SP)
Macrocell
Available Clusters
Macrocell
Available Clusters
Output
Buried
Output
Buried
M0
M1
C0, C1, C2
C0, C1, C2, C3
M6
M7
C5, C6, C7, C8
C6, C7, C8, C9
M2
M3
C1, C2, C3, C4
C2, C3, C4, C5
M8
M9
C7, C8, C9, C10
C8, C9, C10, C11
M4
M5
C3, C4, C5, C6
C4, C5, C6, C7
M10
M11
C9, C10, C11
C10, C11
Table 9. Register/Latch Operation
Configuration
D/T
CLK/LE
Q+
D-Register
X
0,1,
Q
0
0
1
1
T-Register
X
0,1,
Q
0
Q
1
Q
Latch
X1
Q
00
0
10
1


Similar Part No. - MACH111-12JI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH111-12 AMD-MACH111-12 Datasheet
145Kb / 28P
   High-Performance EE CMOS Programmable Logic
More results

Similar Description - MACH111-12JI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH120-12 LATTICE-MACH120-12 Datasheet
171Kb / 20P
   High-Performance EE CMOS Programmable Logic
MACH4-96 LATTICE-MACH4-96 Datasheet
294Kb / 33P
   High-Performance EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH111-5 AMD-MACH111-5 Datasheet
145Kb / 28P
   High-Performance EE CMOS Programmable Logic
logo
List of Unclassifed Man...
MACH11SP ETC-MACH11SP Datasheet
193Kb / 33P
   High-Performance EE CMOS In-System Programmable Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH220-10 LATTICE-MACH220-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com