Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1019ACN8-2.5 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1019ACN8-2.5
Description  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1019ACN8-2.5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1019ACN8-2.5 Datasheet HTML 4Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 5Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 6Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 7Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 8Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 9Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 10Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 11Page - Linear Technology LT1019ACN8-2.5 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1019
The worst-case error in initial output voltage for the
LT1019 is 0.2%, so a series resistor is satisfactory if the
output is simply trimmed to nominal value. The maximum
TC shift expected would be 1ppm/
°C.
Using the Temp Pin
The LT1019 has a TEMP pin like several other bandgap
references. The voltage on this pin is directly propor-
tional to absolute temperature (PTAT) with a slope of
approximately 2.1mV/
°C.Roomtemperaturevoltageis
therefore approximately (295
°K)(2.1mV/°C) = 620mV.
This voltage varies with process parameters and should
not be used to measure absolute temperature, but
rather relative temperature changes. Previous bandgap
references have been very sensitive to any loading on
the TEMP pin because it is an integral part of the
reference “core” itself. The LT1019 “taps” the core at a
special point which has much less effect on the refer-
ence. The relationship between TEMP pin loading and
a change in reference output voltage is less than
0.05%/
µA, about ten times improvement over previous
references.
Output Bypassing
The LT1019 is designed to be stable with a wide range of
load currents and output capacitors. The 4.5V, 5V, and
10V devices do not oscillate under any combination of
capacitance and load. The 2.5V device can oscillate when
sinking currents between 1mA and 6mA for load capaci-
tance between 400pF and 2
µF (see Figure 1).
If output bypassing is desired to reduce high frequency
output impedance, keep in mind that loop phase margin is
significantly reduced for output capacitors between 500pF
and 1
µF if the capacitor has low ESR (Effective Series
Resistance). This can make the output “ring” with tran-
Figure 1. Output Bypassing
sient loads. The best transient load response is obtained
by deliberately adding a resistor to increase ESR as shown
in Figure 1.
Use configuration (a) if DC voltage error cannot be com-
promised as load current changes. Use (b) if absolute
minimum peak perturbation at the load is needed. For best
transient response, the output can be loaded with
≥1mA
DC current.
APPLICATIO S I FOR ATIO
TYPICAL APPLICATIO S
Wide Range Trim
≥ ±5%
Narrow Trim Range (
±0.2%)
VIN
2
Ω TO 5Ω
LT1019
1019 F01
2
µF
TANTALUM
VIN
LT1019
2
µF TO 10µF
TANTALUM
2
Ω TO 5Ω
(a)
(b)
+
+
VOUT
R1
25k
OUT
IN
LT1019
TRIM
GND
VIN
1019 TA03
VOUT
R1
100k
OUT
IN
LT1019
TRIM
GND
VIN
1019 TA05
R2*
1.5M
*INCREASE TO 4.7M FOR LT1019A (
±0.05%)


Similar Part No. - LT1019ACN8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1019ACN8-2.5 LINER-LT1019ACN8-2.5 Datasheet
156Kb / 12P
   Precision Reference
More results

Similar Description - LT1019ACN8-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com