Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LR1084 Datasheet(PDF) 9 Page - Leshan Radio Company

Part # LR1084
Description  Low Dropout Voltage: 1.3V Typically at 5A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1084 Datasheet(HTML) 9 Page - Leshan Radio Company

Back Button LR1084_15 Datasheet HTML 3Page - Leshan Radio Company LR1084_15 Datasheet HTML 4Page - Leshan Radio Company LR1084_15 Datasheet HTML 5Page - Leshan Radio Company LR1084_15 Datasheet HTML 6Page - Leshan Radio Company LR1084_15 Datasheet HTML 7Page - Leshan Radio Company LR1084_15 Datasheet HTML 8Page - Leshan Radio Company LR1084_15 Datasheet HTML 9Page - Leshan Radio Company LR1084_15 Datasheet HTML 10Page - Leshan Radio Company LR1084_15 Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Mechanical Dimensions
TO-263
TO-263-3L
Unit: mm
LESHAN RADIO COMPANY, LTD.
LR1084
9/11


Similar Part No. - LR1084_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1084 LRC-LR1084_12 Datasheet
282Kb / 11P
   Current Limiting and Thermal Protection Battery Chargers
More results

Similar Description - LR1084_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1084 LRC-LR1084 Datasheet
174Kb / 12P
   Low Dropout Voltage: 1.3V Typically at 5A, Current Limiting and Thermal Protection
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1505 ADMOS-AMS1505_05 Datasheet
177Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATORS
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
   5A LOW DROPOUT VOLTAGE REGULATOR
AMS1505 ADMOS-AMS1505 Datasheet
76Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATORS
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
   5A LOW DROPOUT VOLTAGE REGULATOR
CX1084 ETC2-CX1084 Datasheet
149Kb / 9P
   5A Low dropout voltage regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com