Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1032ISW Datasheet(PDF) 5 Page - Linear Technology

Part # LT1032ISW
Description  Quad Low Power Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1032ISW Datasheet(HTML) 5 Page - Linear Technology

  LT1032ISW Datasheet HTML 1Page - Linear Technology LT1032ISW Datasheet HTML 2Page - Linear Technology LT1032ISW Datasheet HTML 3Page - Linear Technology LT1032ISW Datasheet HTML 4Page - Linear Technology LT1032ISW Datasheet HTML 5Page - Linear Technology LT1032ISW Datasheet HTML 6Page - Linear Technology LT1032ISW Datasheet HTML 7Page - Linear Technology LT1032ISW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LT1032
PI
FU C
S
TI
VEE(J, N & S: Pin 1): Minus Supply. Operates –2V to –15V.
(J & N: Pins 2, 5, 9, 12/S: Pins 2, 5, 11, 14): Logic
Input. Operates properly on TTL or CMOS levels. Output
valid form (V + 2V)
≤ VIN ≤ 15V. Connect to ground
when not used.
(J & N: Pins 3, 6, 8, 11/S: Pins 3, 6, 10, 13): Output. Line
drive output.
ON/OFF (J, N & S: Pin 4): Shuts down entire circuit.
Cannot be left open. For “normally on” operation, connect
to V +.
GND (J, N & S: Pin 7): Ground. Ground must be more
positive than V.
Response Control (J & N: Pin 10/S: Pin 12): Allows
limited change of slew rate. Leave open when not used.
Strobe (J & N: Pin 13/ S: Pin 15): Forces all outputs low.
Drive with 3V.
VCC (J & N:Pin 14/S: Pin 15): Positive Supply. Operates 5V
to 15V.
TO LINE
1/4 LT1032
LT1032 • TA03b
30V ZENERS
INPUT
V+
V
100
Ω TO
1000
TO LINE
1/4 LT1032
LT1032 • TA03a
INPUT
The response pin can be used to make some adjustment
in slew rate. A resistor can be connected between the re-
sponse pin and the power supplies to drive 50
µA to 100µA
into the pin. The response pin is a low impedance point
operating at about 0.75V above ground. For supply voltage
up to
±6V, current is turned off when the device is turned
off. For higher supply voltages, a Zener should be con-
nected in series with the resistor to limit the voltage applied
to the response pin to 6V. Also, for temperatures above
100
°C, using the response pin is not recommended. The
leakage current into the response pin at high temperatures
is excessive.
Outputs are well protected against shorts or externally
applied voltage. Tested limits are
±30V, but the device can
withstand external voltages up to breakdown of the tran-
sistors (typically about 50V). The LT1032 is usually immune
to ESD up to 2500V on the outputs with no damage.
S
APPLICATI
I FOR ATIO
Application Hints
The LT1032 is exceptionally easy to use when compared
to older drivers. Operating supply voltage can be as low as
±3Vorashighas±15V.Inputlevelsarereferredtoground.
The logic inputs are internally set at TTL levels. Outputs are
valid for input voltages from 1V above V to 25V. Driving
the logic inputs to V turns off the output stage. The
ON/OFF control completely turns off all supply current of
the LT1032. The levels required to drive the device on or
off are set by internal emitter-based voltages. Since the
current into the ON/OFF pin is so low, TTL or CMOS drivers
have no problem controlling the device.
The strobe pin is not fully logic compatible. The impedance
of the strobe pin is about 2k
Ωtoground.Drivingthestrobe
pin positive forces the output stages low–even if the device
is shut off. Under worst case conditions, 3V minimum at
2mA are needed driving the strobe pin to insure strobing.
S
APPLICATI
TYPICAL
Protecting Against More Than
±30V Output Overload


Similar Part No. - LT1032ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1032ISW LINER-LT1032ISW Datasheet
205Kb / 12P
   Quad Low Power Line Driver
More results

Similar Description - LT1032ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1030CS LINER-LT1030CS Datasheet
124Kb / 2P
   Quad Low Power Line Driver?
LT1032 LINER-LT1032_02 Datasheet
205Kb / 12P
   Quad Low Power Line Driver
LT1030 LINER-LT1030 Datasheet
174Kb / 4P
   Quad Low Power Line Driver
logo
Motorola, Inc
MC14C88B MOTOROLA-MC14C88B Datasheet
119Kb / 8P
   QUAD LOW POWER LINE DRIVER
logo
Linear Technology
LT1030 LINER-LT1030_15 Datasheet
196Kb / 4P
   Quad Low Power Line Driver
LT1032 LINER-LT1032_15 Datasheet
214Kb / 12P
   Quad Low Power Line Driver
logo
National Semiconductor ...
DS1488 NSC-DS1488 Datasheet
161Kb / 6P
   Quad Line Driver
logo
ARTSCHIP ELECTRONICS CO...
MC1488 ARTSCHIP-MC1488 Datasheet
377Kb / 7P
   Quad Line Driver
logo
Fairchild Semiconductor
100316 FAIRCHILD-100316 Datasheet
56Kb / 6P
   Low Power Quad Differential Line Driver with Cut-Off
logo
National Semiconductor ...
100313 NSC-100313 Datasheet
119Kb / 6P
   Low Power Quad Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com