Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1039M Datasheet(PDF) 4 Page - Linear Technology

Part # LT1039M
Description  RS232 Driver/Receiver with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039M Datasheet(HTML) 4 Page - Linear Technology

  LT1039M Datasheet HTML 1Page - Linear Technology LT1039M Datasheet HTML 2Page - Linear Technology LT1039M Datasheet HTML 3Page - Linear Technology LT1039M Datasheet HTML 4Page - Linear Technology LT1039M Datasheet HTML 5Page - Linear Technology LT1039M Datasheet HTML 6Page - Linear Technology LT1039M Datasheet HTML 7Page - Linear Technology LT1039M Datasheet HTML 8Page - Linear Technology LT1039M Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LT1039/LT1039-16
2
µs/DIV
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current in Shutdown
Driver Output Leakage
in Shutdown
Receiver Output
Short-Circuit Current
ON/OFF Pin Current vs Voltage
Driver Output Swing vs Current
Output Waveforms
Shutdown to Driver Output
5V
0V
0V
INPUT
1039 G09
V+ = 12V
V= –12V
VCC = 5V
RL = 3k
0V
5V
10V
– 10V
–5V
0V
0V
5V
ON/OFF
INPUT
V+ = 12V
V= –12V
RL = 3k
1ms/DIV
OUTPUT
HIGH
OUTPUT
LOW
1039 G10
TEMPERATURE (
°C)
–55
–25
10
100
1000
0
25
50
75
100
125
1039 G04
1
SUPPLY CURRENT MEASURED
INTO VCC AND V
+
TEMPERATURE (
°C)
–55
–25
10
100
1000
0
25
50
75
100
125
1039 G05
1
VOUT
– 30V
VOUT
30V
TEMPERATURE (
°C)
–55
–25
1
10
100
0
25
50
75
100
125
1039 G06
0.1
OUTPUT SINKING
OUTPUT SOURCING
INPUT VOLTAGE (V)
0
20
30
40
1039 G07
10
0
15
25
35
5
–5
–10
2
4
1
3
5
OUTPUT CURRENT (mA)
0
– 0.4
V +
4.0
1039 G08
0.8
1.0
– 0.2
1.2
0.6
0.4
0.2
V
1.0
2.0
3.0
0.5
4.5
1.5
2.5
3.5
5.0
OUTPUT HIGH
OUTPUT LOW
RECEIVER
OUTPUT
DRIVER
OUTPUT
DRIVER
OUTPUT
DRIVER
OUTPUT
0V
– 10V
10V
5V
DRIVER OUTPUT CONNECTED TO RECEIVER INPUT


Similar Part No. - LT1039M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039MJ LINER-LT1039MJ Datasheet
351Kb / 12P
   RS232 Driver/Receiver
LT1039MJ16 LINER-LT1039MJ16 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
More results

Similar Description - LT1039M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039 LINER-LT1039_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039-16 LINER-LT1039-16_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_01 Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_1 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341 Datasheet
244Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com