Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750104GB Datasheet(PDF) 7 Page - NEC

Part # UPD750104GB
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750104GB Datasheet(HTML) 7 Page - NEC

Back Button UPD750104GB Datasheet HTML 3Page - NEC UPD750104GB Datasheet HTML 4Page - NEC UPD750104GB Datasheet HTML 5Page - NEC UPD750104GB Datasheet HTML 6Page - NEC UPD750104GB Datasheet HTML 7Page - NEC UPD750104GB Datasheet HTML 8Page - NEC UPD750104GB Datasheet HTML 9Page - NEC UPD750104GB Datasheet HTML 10Page - NEC UPD750104GB Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
7
µPD750104, 750106, 750108, 750104(A), 750106(A), 750108(A)
44-pin plastic QFP (10
× 10 mm, 0.8-mm pitch)
µPD750104GB-×××-3BS-MTX, µPD750104GB(A)-×××-3BS-MTX
µPD750106GB-×××-3BS-MTX, µPD750106GB(A)-×××-3BS-MTX
µPD750108GB-×××-3BS-MTX, µPD750108GB(A)-×××-3BS-MTX
IC : Internally connected (Connect directly to VDD.)
PIN NAMES
BUZ
:
Buzzer Clock
P70-P73
: Port 7
CL1, CL2
:
Main System Clock (RC)
P80, P81
: Port 8
IC
:
Internally Connected
PCL
: Programmable Clock
INT0, 1, 4 :
External Vectored Interrupt 0, 1, 4
PTO0, PTO1 : Programmable Timer Output 0, 1
INT2
:
External Test Input 2
RESET
: Reset
KR0-KR7
:
Key Return 0-7
SB0, SB1
: Serial Bus 0, 1
NC
:
No connection
SCK
: Serial Clock
P00-P03
:
Port 0
SI
: Serial Input
P10-P13
:
Port 1
SO
: Serial Output
P20-P23
:
Port 2
TI0
: Timer Input 0
P30-P33
:
Port 3
VDD
: Positive Power Supply
P40-P43
:
Port 4
VSS
: Ground
P50-P53
:
Port 5
XT1, XT2
: Subsystem Clock (Crystal)
P60-P63
:
Port 6
P72/KR6
P71/KR5
P70/KR4
P63/KR3
P62/KR2
P61/KR1
P60/KR0
P53
P52
P51
P50
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
P13/TI0
P00/INT4
P01/SCK
P02/SO/SB0
P03/SI/SB1
P80
P81
P30
P31
P32
P33
12 13 14 15 16 17 18 19 20 21 22
44 43 42 41 40 39 38 37 36 35 34


Similar Part No. - UPD750104GB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD750104 RENESAS-UPD750104 Datasheet
625Kb / 83P
   MOS INTEGRATED CIRCUIT
1997
More results

Similar Description - UPD750104GB

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com