Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846A Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC846A
Description  NPN SMALL SIGNAL TRANSISTOR IN SOT23
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC846A Datasheet(HTML) 1 Page - Diodes Incorporated

  BC846A_15 Datasheet HTML 1Page - Diodes Incorporated BC846A_15 Datasheet HTML 2Page - Diodes Incorporated BC846A_15 Datasheet HTML 3Page - Diodes Incorporated BC846A_15 Datasheet HTML 4Page - Diodes Incorporated BC846A_15 Datasheet HTML 5Page - Diodes Incorporated BC846A_15 Datasheet HTML 6Page - Diodes Incorporated BC846A_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BC846A – BC848C
Document Number: DS11108 Rev. 26 - 2
1 of 7
www.diodes.com
December 2013
© Diodes Incorporated
BC846A-BC848C
NPN SMALL SIGNAL TRANSISTOR IN SOT23
Features
Ideally Suited for Automatic Insertion
Complementary PNP Types: BC856 – BC858
For switching and AF Amplifier Applications
Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
Halogen and Antimony Free. "Green" Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP capable (Note 4)
Mechanical Data
Case: SOT23
Case material: molded plastic, “Green” molding compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Notes 4 & 5)
Product
Compliance
Marking
Reel size
(inches)
Quantity
per reel
Product
Compliance
Marking
Reel size
(inches)
Quantity per
reel
BC846A-7-F
AEC-Q101
K1Q
7
3,000
BC847B-13-F
AEC-Q101
K1R
13
10,000
BC846AQ-7-F
Automotive
K1Q
7
3,000
BC847C-7-F
AEC-Q101
K1M
7
3,000
BC846B-7-F
AEC-Q101
K1R
7
3,000
BC847CQ-7-F
Automotive
K1M
7
3,000
BC846BQ-7-F
Automotive
K1R
7
3,000
BC847C-13-F
AEC-Q101
K1M
13
10,000
BC846B-13-F
AEC-Q101
K1R
13
10,000
BC848A-7-F
AEC-Q101
K1Q
7
3,000
BC846BQ-13-F Automotive
K1R
13
10,000
BC848B-7-F
AEC-Q101
K1R
7
3,000
BC847A-7-F
AEC-Q101
K1Q
7
3,000
BC848B-13-F
AEC-Q101
K1R
13
10,000
BC847AQ-7-F
Automotive
K1Q
7
3,000
BC848C-7-F
AEC-Q101
K1M
7
3,000
BC847A-13-F
AEC-Q101
K1Q
13
10,000
BC848CQ-7-F
Automotive
K1M
7
3,000
BC847B-7-F
AEC-Q101
K1R
7
3,000
BC847BQ-7-F
Automotive
K1R
7
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen and Antimony free, "Green"
and Lead-Free.
3. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally
the same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_compliance_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Date Code Key
Year
2010
2011
2012
2013
2014
2015
2016
2017
Code
X
Y
Z
A
B
C
D
E
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOT23
Device Symbol
Top View
Pin-Out
C
E
B
xxx = Product Type Marking Code
YM = Date Code Marking
Y or Y = Year (ex: Y = 2011)
M or M = Month (ex: 9 = September)
xxx


Similar Part No. - BC846A_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC846A SECOS-BC846A_15 Datasheet
307Kb / 3P
   Elektronische Bauelemente
More results

Similar Description - BC846A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT2222A DIODES-MMBT2222A_15 Datasheet
303Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT4401 DIODES-MMBT4401_15 Datasheet
263Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
AC817-40Q DIODES-AC817-40Q Datasheet
431Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
August 2017 Rev. 1 - 2
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
MMBT3904 DIODES-MMBT3904_15 Datasheet
168Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com