Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW66HTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BCW66HTA
Description  45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCW66HTA Datasheet(HTML) 3 Page - Diodes Incorporated

  BCW66HTA Datasheet HTML 1Page - Diodes Incorporated BCW66HTA Datasheet HTML 2Page - Diodes Incorporated BCW66HTA Datasheet HTML 3Page - Diodes Incorporated BCW66HTA Datasheet HTML 4Page - Diodes Incorporated BCW66HTA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BCW66H
Document number: DS33003 Rev. 5 - 2
3 of 5
www.diodes.com
April 2013
© Diodes Incorporated
BCW66H
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCES
75
V
IC = 10µA
Collector-Emitter Breakdown Voltage
(base open) (Note 9)
BVCEO
45
V
ICEO = 10mA
Emitter-Base Breakdown Voltage
BVEBO
7
V
IEBO = 10µA
Collector-Emitter Cut-Off Current
ICES
<1
20
20
nA
µA
VCES = 45V
VCES = 45V, TA = +150°C
Emitter-Base Cut-Off Current
IEBO
<1
20
nA
VEBO = 5.6V
ON CHARACTERISTICS (Note 9)
Static Forward Current Transfer Ratio
hFE
80
180
250
100
350
630
IC = 100µA, VCE = 10V
IC = 10mA, VCE = 1V
IC = 100mA, VCE = 1V
IC = 500mA, VCE = 2V
Collector-Emitter Saturation Voltage
VCE(sat)
0.3
0.7
mV
IC = 100mA, IB = 10mA
IC = 500mA, IB = 50mA
Base-Emitter Saturation Voltage
VBE(sat)
2
V
IC = 500mA, IB = 50mA
SMALL SIGNAL CHARACTERISTICS (Note 9)
Transition Frequency
fT
100
MHz
IC = 20mA, VCE = 10V,
f = 100MHz
Output Capacitance
Cobo
8
12
pF
VCB = 10V, f = 1MHz
Input Capacitance
Cibo
80
pF
VCB = -0.5V, f = 1MHz
Noise Figure
N
2
10
dB
IC = 0.2mA. VCE = 5V,
RG = 1K
Turn-On Time
ton
100
ns
IC = 150mA.
IB1 = -IB2 = 15mA
RL = 150
Turn-Off Time
toff
400
ns
Notes:
9. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%


Similar Part No. - BCW66HTA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BCW66HTA ETC-BCW66HTA Datasheet
57Kb / 2P
   SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
BCW66HTA DIODES-BCW66HTA Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
More results

Similar Description - BCW66HTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC817 DIODES-BC817_15 Datasheet
394Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
AC817-40Q DIODES-AC817-40Q Datasheet
431Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
August 2017 Rev. 1 - 2
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
MMBTA05 DIODES-MMBTA05_15 Datasheet
256Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC846A DIODES-BC846A_15 Datasheet
304Kb / 7P
   NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com