Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV20W-G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAV20W-G
Description  High Voltage Fast Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV20W-G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAV20W-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV20W-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV20W-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV20W-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAV20W-G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CREAT BY ART
PART NO.
PART NO.
BAV19W-G
BAV19W-G
BAV19W-G
BAV19W-G
Document Number: DS_S1404017
A8
T2
T3
BAV19W-G
BAV20W-G
(Note 2)
RB
G
SOD-123
Version: C14
MANUFACTURE
CODE
PACKING
CODE
GREEN
COMPOUND
CODE
PACKING
MARKING
Small Signal Product
ORDERING INFORMATION
PACKAGE
BAV21W-G
3K / 7" Reel
GREEN
COMPOUND
MANUFACTURE
CODE
DESCRIPTION
BAV19W-G RB
RB
G
Green compound
Note: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
BAV19W-G-N0 RB
N0
PACKING CODE
RB
RB
BAV19W-G RBG
BAV19W-G-N0 RBG
RB
G
N0
Green compound
BAV19W-G/BAV20W-G/BAV21W-G
Taiwan Semiconductor


Similar Part No. - BAV20W-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV20W-G TSC-BAV20W-G Datasheet
138Kb / 2P
   High Voltage Fast Switching Diode
logo
Vishay Siliconix
BAV20W-G VISHAY-BAV20W-G Datasheet
100Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-May-13
BAV20W-G VISHAY-BAV20W-G Datasheet
111Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 22-Feb-18
BAV20W-G VISHAY-BAV20W-G Datasheet
93Kb / 4P
   Small Signal Switching Diodes, High Voltage
22-Feb-18
BAV20W-G3-08 VISHAY-BAV20W-G3-08 Datasheet
100Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-May-13
More results

Similar Description - BAV20W-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV19W-G TSC-BAV19W-G Datasheet
138Kb / 2P
   High Voltage Fast Switching Diode
logo
Vishay Siliconix
RS07B VISHAY-RS07B_12 Datasheet
90Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 2.0, 30-Aug-10
RS07B VISHAY-RS07B_08 Datasheet
156Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
BAY135 VISHAY-BAY135_V01 Datasheet
77Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
01-Jan-2022
RS07B-M VISHAY-RS07B-M Datasheet
91Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.1, 30-Aug-10
BAY135 VISHAY-BAY135_12 Datasheet
73Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 02-Aug-12
S07D VISHAY-S07D Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B-GS18 VISHAY-S07B-GS18_15 Datasheet
123Kb / 8P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B VISHAY-S07B_05 Datasheet
121Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
logo
AiT Semiconductor Inc.
1N4148WT AITSEMI-1N4148WT Datasheet
283Kb / 5P
   SWITCHING DIODE HIGH CONDUCTANCE FAST SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com