Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV21W-G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV21W-G
Description  High Voltage Fast Switching Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV21W-G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV21W-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV21W-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAV21W-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAV21W-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAV21W-G Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CREAT BY ART
- Fast switching device(trr<50ns)
- Surface mount device type
- Moisture sensitivity level 1
- Low reverse leakage
- Pb free and RoHS compliant
- Case: Bend lead SOD-123 small outline plastic package
- Polarity: Indicated by cathode band
- Weight: 10.5 ± 0.5 mg
V
V
mW
mA
mA
A
oC/W
oC
UNIT
VR=100V
VR=150V
VR=200V
pF
(Note)
ns
Document Number: DS_S1404017
Version: C14
VALUE
500
400
Note: Test condition: IF= IR= 30mA , RL=100Ω , IRR=3mA
trr
Cj
VR = 0 , f = 1.0 MHz
200
BAV19W-G
UNIT
IF = 100 mA
PARAMETER
SYMBOL
Power dissipation
Non-repetitive peak forward surge
current
Forward voltage
VF
@ tp=1.0ms; TA=25
BAV20W-G
BAV21W-G
BAV20W-G
BAV21W-G
VBR
Junction and Storage temperature range
PD
IF = 200 mA
IR
-
-
2.5
PARAMETER
BAV19W-G
Repetitive peak forward current
IFM
per MIL-STD-202, Method 208 guaranteed
- High temperature soldering guaranteed: 260°C/10s
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
Reverse voltage
VR
IO
Peak reverse voltage
Average rectified output current
BAV19W-G
BAV20W-G
BAV21W-G
100
V
IFSM
-65 to +150
120
200
TJ , TSTG
µA
Reverse leakage current
Junction capacitance
-
IR=100
μA
Reverse voltage
SYMBOL
Reverse Recovery Time
BAV19W-G/BAV20W-G/BAV21W-G
High Voltage Fast Switching Diode
SOD-123
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
- Terminal: Matte tin plated, lead free, solderable
Small Signal Product
250
Taiwan Semiconductor
FEATURES
150
200
-
Thermal Resistance (Junction to Ambient)
250
V
MECHANICAL DATA
-
0.1
-
-
-
-
1.00
1.25
-
5.0
50
VRM
120
200
250
MIN
MAX
RθJA


Similar Part No. - BAV21W-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV21W-G TSC-BAV21W-G Datasheet
138Kb / 2P
   High Voltage Fast Switching Diode
logo
Vishay Siliconix
BAV21W-G VISHAY-BAV21W-G Datasheet
100Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-May-13
BAV21W-G VISHAY-BAV21W-G Datasheet
111Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 22-Feb-18
BAV21W-G VISHAY-BAV21W-G Datasheet
93Kb / 4P
   Small Signal Switching Diodes, High Voltage
22-Feb-18
BAV21W-G3-08 VISHAY-BAV21W-G3-08 Datasheet
100Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-May-13
More results

Similar Description - BAV21W-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV19W-G TSC-BAV19W-G Datasheet
138Kb / 2P
   High Voltage Fast Switching Diode
logo
Vishay Siliconix
RS07B VISHAY-RS07B_12 Datasheet
90Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 2.0, 30-Aug-10
RS07B VISHAY-RS07B_08 Datasheet
156Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
BAY135 VISHAY-BAY135_V01 Datasheet
77Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
01-Jan-2022
RS07B-M VISHAY-RS07B-M Datasheet
91Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.1, 30-Aug-10
BAY135 VISHAY-BAY135_12 Datasheet
73Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 02-Aug-12
S07D VISHAY-S07D Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B-GS18 VISHAY-S07B-GS18_15 Datasheet
123Kb / 8P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
S07B VISHAY-S07B_05 Datasheet
121Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
logo
AiT Semiconductor Inc.
1N4148WT AITSEMI-1N4148WT Datasheet
283Kb / 5P
   SWITCHING DIODE HIGH CONDUCTANCE FAST SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com