Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1039CSW Datasheet(PDF) 1 Page - Linear Technology

Part # LT1039CSW
Description  RS232 Driver/Receiver with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1039CSW Datasheet(HTML) 1 Page - Linear Technology

  LT1039CSW Datasheet HTML 1Page - Linear Technology LT1039CSW Datasheet HTML 2Page - Linear Technology LT1039CSW Datasheet HTML 3Page - Linear Technology LT1039CSW Datasheet HTML 4Page - Linear Technology LT1039CSW Datasheet HTML 5Page - Linear Technology LT1039CSW Datasheet HTML 6Page - Linear Technology LT1039CSW Datasheet HTML 7Page - Linear Technology LT1039CSW Datasheet HTML 8Page - Linear Technology LT1039CSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1039/LT1039-16
RS232 Driver/Receiver
with Shutdown
The LT
®1039 is a triple RS232 driver/receiver that in-
cludes shutdown. Each receiver will accept up to
±30V
input and can drive either TTL or CMOS logic. The RS232
drivers accept TTL logic inputs and output RS232 voltage
levels. The outputs are fully protected against overload
and can be shorted to ground or up to
±30V without
damage to the drivers. Additionally, when the system is
shut down or power is off, the outputs are in a high
impedance state allowing data line sharing. Bipolar cir-
cuitry makes this driver/receiver exceptionally rugged
against overloads or ESD damage.
A BIAS pin allows one receiver to be kept on while the rest
of the part is shut down.
The LT1039 is also available in the 16-pin version,
without shutdown or BIAS pin functions.
For applications requiring operation from a single 5V
supply, see the LT1080A/LT1081A, LT1180A/LT1181A
and LT1130A data sheets. For applications requiring
15kV ESD, see the LT1039A.
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Operates from
±5V to ±15V Supplies
s
Fully Protected Against Overload
s
Outputs Can Be Driven
±30V Without Damage
s
Three-State Outputs; Outputs Open When Off
s
Bipolar Circuit—No Latchup
s
±30V Input Range
s
Triple Driver/Receiver
s
No Supply Current in Shutdown
s
30k
Ω Input Impedance
s
Meets All RS232 Specifications
s
16-Pin Version—Pin Compatible with MC145406
s
Available in SO Package
s
15kV ESD: LT1039A
s
RS232 Interface
s
Terminals
s
Modems
Driver Output Swing
30k
LT1039
V +
1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
VCC
V
GND
12V
BIAS*
RS232 IN
ON/OFF
5V
LOGIC
LOGIC
LOGIC
LOGIC
LOGIC
LOGIC
*BIAS PIN USED
TO KEEP THE
RECEIVER ON
WHILE IN SHUTDOWN
RS232 IN
RS232 OUT
RS232 OUT
RS232 OUT
RS232 IN
– 12V
1039 TA01
30k
30k
OUTPUT CURRENT (mA)
0
– 0.5
V +
8
1039 TA02
0.5
1.0
1.5
V
2
4
6
10
NEGATIVE
POSITIVE
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1039CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039CSW LINER-LT1039CSW Datasheet
351Kb / 12P
   RS232 Driver/Receiver
LT1039CSW16 LINER-LT1039CSW16 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
More results

Similar Description - LT1039CSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1039 LINER-LT1039_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039-16 LINER-LT1039-16_15 Datasheet
357Kb / 12P
   RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A Datasheet
273Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A-16 LINER-LT1039A-16_15 Datasheet
1Mb / 14P
   Triple RS232 Driver/Receiver with Shutdown
LT1039A LINER-LT1039A_01 Datasheet
146Kb / 12P
   Triple RS232 Driver/Receiver with Shutdown
LT1039 LINER-LT1039_1 Datasheet
351Kb / 12P
   RS232 Driver/Receiver
LT1341 LINER-LT1341_15 Datasheet
227Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LT1341 LINER-LT1341 Datasheet
244Kb / 8P
   5V RS232 Transceiver with One Receiver Active in Shutdown
LTC1347 LINER-LTC1347 Datasheet
221Kb / 8P
   5V Low Power RS232 3-Driver/5-Receiver Transceiver with 5 Receivers Active in Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com