Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1272 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1272
Description  12-Bit, 3s, 250kHz Sampling A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1272_15 Datasheet HTML 6Page - Linear Technology LTC1272_15 Datasheet HTML 7Page - Linear Technology LTC1272_15 Datasheet HTML 8Page - Linear Technology LTC1272_15 Datasheet HTML 9Page - Linear Technology LTC1272_15 Datasheet HTML 10Page - Linear Technology LTC1272_15 Datasheet HTML 11Page - Linear Technology LTC1272_15 Datasheet HTML 12Page - Linear Technology LTC1272_15 Datasheet HTML 13Page - Linear Technology LTC1272_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC1272
10
1272fc
For more information www.linear.com/1272
APPLICATIONS INFORMATION
as in Figure 5. Nevertheless, even without observing this
guideline, the LTC1272 is still compatible with AD7572
synchronization modes, with no increase in linearity error.
This means that either the falling or rising edge of CLK IN
may be near RD’s falling edge.
Driving the Analog Input
The analog input of the LTC1272 is much easier to drive
thanthatoftheAD7572.Theinputcurrentisnotmodulated
by the DAC as in the AD7572. It has only one small current
spike from charging the sample-and-hold capacitor at the
end of the conversion. During the conversion the analog
input draws only DC current. The only requirement is that
the amplifier driving the analog input must settle after the
small current spike before the next conversion is started.
Any op amp that settles in 1µs to small current transients
will allow maximum speed operation. If slower op amps
are used, more settling time can be provided by increasing
the time between conversions. Suitable devices capable
of driving the LTC1272 AIN input include the LT1006 and
LT1007 op amps.
Internal Clock Oscillator
Figure6showstheLTC1272internalclockcircuit.Acrystal
or ceramic resonator may be connected between CLK IN
(Pin 17) and CLK OUT (Pin 18) to provide a clock oscillator
for ADC timing. Alternatively the crystal/resonator may be
omitted and an external clock source may be connected
to CLK IN. For an external clock the duty cycle is not
critical. An inverted CLK IN signal will appear at the CLK
OUT pin as shown in the operating waveforms of Figure 7.
Capacitance on the CLK OUT pin should be minimized for
best analog performance.
Internal Reference
The LTC1272 has an on-chip, temperature compensated,
curvature corrected, bandgap reference, which is factory
trimmed to 2.42V ±1%. It is internally connected to the
DAC and is also available at pin 2 to provide up to 1mA
current to an external load.
For minimum code transition noise the reference output
should be decoupled with a capacitor to filter wideband
noise from the reference (10µF tantalum in parallel with
a 0.1µF ceramic). A simplified schematic of the reference
with its recommended decoupling is shown in Figure 8.
Figure 6. LTC1272 Internal Clock Circuit
Figure 5. RD and CLK IN for Synchronous Operation
LTC1272 • F05
CS & RD
BUSY
CLK IN
≥ 40ns*
t2
t14
tCONV
t13
DB0
(LSB)
DB1
DB10
DB11
(MSB)
UNCERTAIN CONVERSION TIME FOR 30ns < t14 < 180ns
THE LTC1272 IS ALSO COMPATIBLE WITH THE AD7572 SYNCHRONIZATION MODES.
*
LTC1272 • F06
CLK OUT
CLK IN
C1
C2
1M
CLOCK
LTC1272
NOTES:
LTC1272-3 – 4MHz CRYSTAL/CERAMIC RESONATOR
LTC1272-8 – 1.6MHz CRYSTAL/CERAMIC RESONATOR
18
17


Similar Part No. - LTC1272_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1272 LINER-LTC1272_1 Datasheet
245Kb / 20P
   12-Bit, 3關s, 250kHz Sampling A/D Converter
More results

Similar Description - LTC1272_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
   12-Bit, 3us, 250kHz Sampling A/D Converter
LTC1272 LINER-LTC1272_1 Datasheet
245Kb / 20P
   12-Bit, 3關s, 250kHz Sampling A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com