Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1272 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1272
Description  12-Bit, 3s, 250kHz Sampling A/D Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272 Datasheet(HTML) 4 Page - Linear Technology

  LTC1272_15 Datasheet HTML 1Page - Linear Technology LTC1272_15 Datasheet HTML 2Page - Linear Technology LTC1272_15 Datasheet HTML 3Page - Linear Technology LTC1272_15 Datasheet HTML 4Page - Linear Technology LTC1272_15 Datasheet HTML 5Page - Linear Technology LTC1272_15 Datasheet HTML 6Page - Linear Technology LTC1272_15 Datasheet HTML 7Page - Linear Technology LTC1272_15 Datasheet HTML 8Page - Linear Technology LTC1272_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC1272
4
1272fc
For more information www.linear.com/1272
DYNAMIC ACCURACY (Note 4) f
SAMPLE = 250kHz (LTC1272-3), 111kHz (LTC1272-8)
SYMBOL
PARAMETER
CONDITIONS
LTC1272-XA/C
UNITS
MIN
TYP
MAX
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
10kHz Input Signal
72
dB
THD
Total Harmonic Distortion (Up to 5th Harmonic)
10kHz Input Signal
–82
dB
Peak Harmonic or Spurious Noise
10kHz Input Signal
–82
dB
ANALOG INPUT The
l
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
LTC1272-XA/B/C
UNITS
MIN
TYP
MAX
VIN
Input Voltage Range
4.75V ≤ VDD ≤ 5.25V
l
0
5
V
IIN
Input Current
l
3.5
mA
CIN
Input Capacitance
50
pF
tACQ
Sample-and-Hold Acquisition Time
l
0.45
1
µs
TIMING CHARACTERISTICS The
l
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 8)
SYMBOL
PARAMETER
CONDITIONS
LTC1272-XA/C
UNITS
MIN
TYP
MAX
t1
CS to RD Setup Time
l
0
ns
t2
RD to BUSY Delay
CL = 50pF
COM Grade
l
80
190
230
ns
ns
t3
Data Access Time After RD
CL = 20pF
COM Grade
l
50
90
110
ns
ns
CL = 100pF
COM Grade
l
70
125
150
ns
ns
t4
RD Pulse Width
COM Grade
l
t3
t3
ns
ns
t5
CS to RD Hold Time
l
0
ns
t6
Data Setup Time After BUSY
COM Grade
l
40
70
90
ns
ns
t7
Bus Relinquish Time
COM Grade
l
20
20
30
75
85
ns
ns
t8
HBEN to RD Setup Time
l
0
ns
t9
HBEN to RD Hold Time
l
0
ns
t10
Delay Between RD Operations
l
200
ns
t11
Delay Between Conversions
1
µs
t12
Aperture Delay of Sample and Hold
Jitter <50ps
25
ns
t13
CLK to BUSY Delay
COM Grade
l
80
170
220
ns
ns
tCONV
Conversion Time
l
12
13
CLK
CYCLES


Similar Part No. - LTC1272_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1272 LINER-LTC1272_1 Datasheet
245Kb / 20P
   12-Bit, 3關s, 250kHz Sampling A/D Converter
More results

Similar Description - LTC1272_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1272 LINER-LTC1272 Datasheet
340Kb / 20P
   12-Bit, 3us, 250kHz Sampling A/D Converter
LTC1272 LINER-LTC1272_1 Datasheet
245Kb / 20P
   12-Bit, 3關s, 250kHz Sampling A/D Converter
logo
Sipex Corporation
SP7800A SIPEX-SP7800A Datasheet
171Kb / 13P
   12-Bit 3ms Sampling A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800_00 Datasheet
957Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Sipex Corporation
SP8538 SIPEX-SP8538 Datasheet
305Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
SP8528 SIPEX-SP8528 Datasheet
181Kb / 12P
   Micropower Sampling 12-Bit A/D Converter
logo
Intersil Corporation
HI5800 INTERSIL-HI5800 Datasheet
234Kb / 15P
   12-Bit, 3MSPS, Sampling A/D Converter
logo
Linear Technology
LTC1412 LINER-LTC1412_15 Datasheet
343Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
LTC1412 LINER-LTC1412 Datasheet
499Kb / 16P
   12-Bit, 3Msps, Sampling A/D Converter
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com