Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1070CK Datasheet(PDF) 9 Page - Linear Technology

Part # LT1070CK
Description  5A and 2.5A High Efficiency Switching Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1070CK Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1070CK Datasheet HTML 4Page - Linear Technology LT1070CK Datasheet HTML 5Page - Linear Technology LT1070CK Datasheet HTML 6Page - Linear Technology LT1070CK Datasheet HTML 7Page - Linear Technology LT1070CK Datasheet HTML 8Page - Linear Technology LT1070CK Datasheet HTML 9Page - Linear Technology LT1070CK Datasheet HTML 10Page - Linear Technology LT1070CK Datasheet HTML 11Page - Linear Technology LT1070CK Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LT1070/LT1071
TYPICAL APPLICATIONS (Note that maximum output currents are divided by 2 for the LT1071)
Positive Current Boosted Buck Converter
R3
680
C1
0.33
µF
200pF
*REQUIRED IF INPUT LEADS
≥ 2"
R4
1.24k
C2
5000
µF
VOUT
5V
10A
VIN
28V
R1
5k
VSW
VIN
C3
0.47
µF
C6
0.002
µF
D2
470
2W
1:N
N
≈ 0.25
LT1070
GND
VC
FB
1070/71 TA19
R6
470
COMP
LM308
VIN
R2
1k
R7
1.24k
R5
5k
V
7
D1
2
3
8
4
6
V +
+
C5*
100
µF
+
Positive to Negative Buck/Boost Converter
+
R1
11.3k
1070/71 TA05
VOUT
12V
2A
VIN
– 12V
R3
2.2k
C1
0.22
µF
R2
1.24k
*
**
REQUIRED IF INPUT LEADS
≥ 2"
PULSE ENGINEERING 92113
C2
1000
µF
+
C4*
100
µF
L1**
150
µH
Q1
D1
VSW
VC
VIN
LT1070
GND
FB
C3
L2
OPTIONAL
OUTPUT
FILTER
L3
OPTIONAL
INPUT
FILTER
+
R6
470
1070/71 TA09
VIN
10V TO 30V
*
**
REQUIRED IF INPUT LEADS
≥ 2"
PULSE ENGINEERING 92113
TO AVOID START-UP
PROBLEMS FOR INPUT
VOLTAGES BELOW 10V,
CONNECT ANODE OF D3
TO VIN AND REMOVE R5.
C1 MAY BE REDUCED FOR
LOWER OUTPUT CURRENTS.
C1
≈ (500µF)(IOUT) FOR 5V
OUTPUTS, REDUCE R3 TO
1.5k, INCREASE C2 TO 0.3
µF
AND REDUCE R6 TO 100
Ω.
VOUT
– 12V
2A
R3
5k
R2
1.24k
C1
0.1
µF
C5*
100
µF
C3
2
µF
+
C4
5
µF
+
C1
1000
µF
L1**
200
µH
VSW
VC
VIN
LT1070
R5
470
1W
D3
1N4001
R1
10.7k
R4
47
D2
1N914
D1
GND
FB
Negative to Positive Buck/Boost Converter


Similar Part No. - LT1070CK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1070CK LINER-LT1070CK Datasheet
212Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
More results

Similar Description - LT1070CK

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1070 LINER-LT1070_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1071 LINER-LT1071_15 Datasheet
218Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1070 LINER-LT1070_1 Datasheet
212Kb / 12P
   5A and 2.5A High Efficiency Switching Regulators
LT1170 LINER-LT1170_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1171 LINER-LT1171_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1170 LINER-LT1170 Datasheet
266Kb / 20P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1172 LINER-LT1172_15 Datasheet
236Kb / 24P
   100kHz, 5A, 2.5A and 1.25A High Efficiency Switching Regulators
LT1270 LINER-LT1270_15 Datasheet
136Kb / 4P
   8A and 10A High Efficiency Switching Regulators
LT1270A LINER-LT1270A_15 Datasheet
136Kb / 4P
   8A and 10A High Efficiency Switching Regulators
logo
National Semiconductor ...
LM2655 NSC-LM2655 Datasheet
377Kb / 16P
   2.5A High Efficiency Synchronous Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com