Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAW56 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAW56
Description  225mW SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAW56 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAW56 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAW56 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAW56 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAW56 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ORDERING INFORMATION
PART NO.
BAW56
BAV70
BAV99
BAW56
BAV70
PART NO.
BAV99
BAV99
BAV99
BAV99
BAV99
BAV99
Document Number: DS_S1404011
Small Signal Product
PACKING
CODE
GREEN
COMPOUND
CODE
PACKAGE
PACKING
MANUFACTURE
CODE
BAV99
RF
G
SOT-23
3K / 7" Reel
RF
Note: Manufacture special control, if empty means no special control requirement.
PREFERRED P/N
GREEN
COMPOUND
CODE
MANUFACTURE
CODE
PACKING CODE
EXAMPLE
DESCRIPTION
BAV99 RF
BAV99-B0 RF
B0
BAV99-D0 RF
BAV99 RFG
G
D0
BAV99-B0 RFG
G
BAV99-D0 RFG
G
B0
D0
3K / 7" Reel
3K / 7" Reel
3K / 7" Reel
RF
SOT-23
3K / 7" Reel
RF
G
G
SOT-23
SOT-23
RF
SOT-23
3K / 7" Reel
(Note)
A4
A7
RF
SOT-23
RF
RF
RF
RF
RF
MARKING
A1
A4
A7
A1
BAW56, BAV70, BAV99
Taiwan Semiconductor
Version: H14
Green compound
Green compound
Green compound
RF


Similar Part No. - BAW56

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
BAW56 DIOTECH-BAW56 Datasheet
977Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Pan Jit International I...
BAW56 PANJIT-BAW56 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
   225mW SMD Switching Diode
logo
Continental Device Indi...
BAW56 CDIL-BAW56 Datasheet
206Kb / 3P
   SILICON PLANAR DUAL SWITCHING DIODES
logo
Micro Commercial Compon...
BAW56 MCC-BAW56 Datasheet
79Kb / 2P
   350mW 75Volt Dual Switching Diode
More results

Similar Description - BAW56

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAS16 TSC-BAS16_09 Datasheet
96Kb / 2P
   225mW SMD Switching Diode
BAS70 TSC-BAS70_14 Datasheet
187Kb / 4P
   225mW SMD Switching Diode
BAS16 TSC-BAS16_14 Datasheet
211Kb / 4P
   225mW SMD Switching Diode
BAS21 TSC-BAS21_10 Datasheet
125Kb / 3P
   225mW SMD Switching Diode
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
   225mW SMD Switching Diode
logo
Taiwan Semiconductor Co...
BAV99 TSC-BAV99 Datasheet
165Kb / 2P
   225mW SMD Switching Diode
BAW56 TSC-BAW56_10 Datasheet
486Kb / 3P
   225mW SMD Switching Diode
BAS116 TSC-BAS116_15 Datasheet
206Kb / 4P
   225mW, SMD Switching Diode
BAS21 TSC-BAS21_14 Datasheet
218Kb / 5P
   225mW SMD Switching Diode
BAV99L TSC-BAV99L Datasheet
227Kb / 4P
   225mW SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com