Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1076HV Datasheet(PDF) 6 Page - Linear Technology

Part # LT1076HV
Description  Step-Down Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1076HV Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1076HV Datasheet HTML 2Page - Linear Technology LT1076HV Datasheet HTML 3Page - Linear Technology LT1076HV Datasheet HTML 4Page - Linear Technology LT1076HV Datasheet HTML 5Page - Linear Technology LT1076HV Datasheet HTML 6Page - Linear Technology LT1076HV Datasheet HTML 7Page - Linear Technology LT1076HV Datasheet HTML 8Page - Linear Technology LT1076HV Datasheet HTML 9Page - Linear Technology LT1076HV Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1074/LT1076
6
Supply Current
Shutdown Pin Characteristics
VC Pin Characteristics
VC Pin Characteristics
Feedback Pin Characteristics
Shutdown Pin Characteristics
ILIM Pin Characteristics
TYPICAL PERFOR A CE CHARACTERISTICS
0
–150
0
50
100
150
200
12
3
4
LT1074•TPC01
–200
–100
5
6
78
9
VOLTAGE (V)
–50
V
≤ 2V
FB
SLOPE
≈ 400kΩ
V
ADJUSTED FOR
I = 0 AT V = 2V
FB
CC
0
–1.5
–0.5
0
0.5
1.0
1.5
2.0
12
3
4
LT1074•TPC02
–2.0
–1.0
5
6
78
9
V
≥ 2.5V
FB
VOLTAGE (V)
0
–400
–200
0
1
23
4
LT1074•TPC03
–500
–300
5
6
78
10
9
–100
100
200
300
400
500
VOLTAGE (V)
START OF
FREQUENCY SHIFTING
VOLTAGE (V)
10
–40
20
40
LT1074•TPC04
30
50
60
70
80
–30
–20
–10
0
10
20
30
40
VIN = 50V
THIS POINT MOVES
IN
WITH V
DETAILS OF THIS
AREA SHOWN IN
OTHER GRAPH
0
VOLTAGE (V)
0
–40
1.0
2.0
LT1074•PC05
1.5
2.5
3.0
3.5
4.0
–35
–30
–25
–20
–15
–10
–5
0
SHUTDOWN
THRESHOLD
CURRENT FLOWS OUT
OF SHUTDOWN PIN
= 25
°C
Tj
0.5
–2
–350
–250
–150
0
12
LT1074•TPC06
–400
–300
3
4
5
–200
–100
–50
0
50
100
VOLTAGE (V)
–1
6
7
8
T = 25
°C
j
INPUT VOLTAGE (V)
0
0
4
6
10
20
30
60
LT1074•TPC11
10
40
50
2
8
12
14
16
18
20
VC = 1V
DEVICE NOT SWITCHING


Similar Part No. - LT1076HV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1076HV-5 LINER-LT1076HV-5 Datasheet
170Kb / 4P
   5V Step-Down Switching Regulator
LT1076HVC-5 LINER-LT1076HVC-5 Datasheet
170Kb / 4P
   5V Step-Down Switching Regulator
LT1076HVCT-5 LINER-LT1076HVCT-5 Datasheet
170Kb / 4P
   5V Step-Down Switching Regulator
LT1076HVCT-5 LINER-LT1076HVCT-5 Datasheet
112Kb / 8P
   5V Step-Down Switching Regulator
LT1076HVI-5 LINER-LT1076HVI-5 Datasheet
170Kb / 4P
   5V Step-Down Switching Regulator
More results

Similar Description - LT1076HV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
NCV8925 ONSEMI-NCV8925 Datasheet
172Kb / 14P
   Step-down Switching Regulator
April, 2008 - Rev. 0
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com