Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75112F Datasheet(PDF) 8 Page - NEC

Part # UPD75112F
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75112F Datasheet(HTML) 8 Page - NEC

Back Button UPD75112F Datasheet HTML 4Page - NEC UPD75112F Datasheet HTML 5Page - NEC UPD75112F Datasheet HTML 6Page - NEC UPD75112F Datasheet HTML 7Page - NEC UPD75112F Datasheet HTML 8Page - NEC UPD75112F Datasheet HTML 9Page - NEC UPD75112F Datasheet HTML 10Page - NEC UPD75112F Datasheet HTML 11Page - NEC UPD75112F Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 78 page
background image
8
µPD75108F,75112F,75116F
4-bit input port (PORT 0).
4-bit input port (PORT 1).
4-bit input/output port (PORT 2).
Programmable 4-bit input/output port (PORT 3).
Input/output can be specified bit-wise.
4-bit input/output port (PORT 4).
4-bit input/output port (PORT 5).
Programmable 4-bit input/output port (PORT 6).
Input/output can be specified bit-wise.
4-bit input/output port (PORT 7).
4-bit input/output port (PORT 8).
4-bit input/output port (PORT 9).
N-ch open-drain 4-bit input/output port (PORT
12).
On-chip pull-up resistor can be specified bit-wise
(mask option).
Open-drain: +10 V withstand voltage
N-ch open-drain 4-bit input/output port (PORT
13).
On-chip pull-up resistor can be specified bit-wise
(mask option).
Open-drain: +10 V withstand voltage
N-ch open-drain 4-bit input/output port (PORT
14).
On-chip pull-up resistor can be specified bit-wise
(mask option).
Open-drain: +10 V withstand voltage
P00
P01
P02
P03
P10
P11
P12
P13
P20 *3
P21 *3
P22 *3
P23 *3
P30 to P33 *3
P40 to P43 *3
P50 to P53 *3
P60 to P63 *3
P70 to P73 *3
P80 to P83
*3
P90 to P93 *3
P120 to P123 *3
P130 to P133 *3
P140 to P143 *3
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input
Input *2
Input *2
Input
*2
3.
PIN FUNCTIONS
3.1
PORT PINS
Input
Input/output
Input/output
Input
Input
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Input/output
Dual-
Function Pin
INT4
SCK
SO
SI
INT0
INT1
INT2
INT3
PTO0
PTO1
PCL
I/OCircuit
Type *1
B
F
E
B
B
E
E
E
E
E
E
E
E
M
M
M
*1.
q
q : Schmitt trigger input
2.
Open-drain … high impedance
On-chip pull-up resistor … high level
3.
Direct LED drive capability
Pin Name
Input/Output
Function
×
×
8-bit I/O
After Reset


Similar Part No. - UPD75112F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75112FGF-XXX-3BE RENESAS-UPD75112FGF-XXX-3BE Datasheet
610Kb / 80P
   MOS INTEGRATED CIRCUIT
1991
More results

Similar Description - UPD75112F

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com