Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSRHD10 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DSRHD10
Description  1.0A DSR BRIDGE DIODESTAR RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSRHD10 Datasheet(HTML) 4 Page - Diodes Incorporated

  DSRHD10_15 Datasheet HTML 1Page - Diodes Incorporated DSRHD10_15 Datasheet HTML 2Page - Diodes Incorporated DSRHD10_15 Datasheet HTML 3Page - Diodes Incorporated DSRHD10_15 Datasheet HTML 4Page - Diodes Incorporated DSRHD10_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DSRHD10
Document number: DS35961 Rev. 5 - 2
4 of 5
www.diodes.com
April 2013
© Diodes Incorporated
DSRHD10
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
T-MiniDIP
Dim
Min
Max
A
1.15
1.27
b
0.60
0.70
c
0.15
0.25
D
4.90
5.10
D1
3.20
3.50
E
5.30
5.50
E1
6.00
6.40
e
3.90
4.10
L
0.25
0.80
L1
0.25
0.55
All Dimensions in mm
Dimensions
Value
(in mm)
C
4.00
C1
5.60
X
0.75
Y
0.85
E E1
e
D1
b
c
D
A
L
L1
X
C1
Y
C


Similar Part No. - DSRHD10_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSRHD10-13 DIODES-DSRHD10-13 Datasheet
377Kb / 5P
   1.0A DSR BRIDGE DIODESTAR RECTIFIER
July 2018
More results

Similar Description - DSRHD10_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSRHD02 DIODES-DSRHD02_15 Datasheet
229Kb / 4P
   1.0A DSR BRIDGE DIODESTAR RECTIFIER
DSRHD02 DIODES-DSRHD02 Datasheet
350Kb / 4P
   1.0A DSR BRIDGE DIODESTAR RECTIFIER
July 2018
DSRHD10 DIODES-DSRHD10 Datasheet
377Kb / 5P
   1.0A DSR BRIDGE DIODESTAR RECTIFIER
July 2018
logo
Zibo Seno Electronic En...
KBP101G ZSELEC-KBP101G Datasheet
338Kb / 2P
   1.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
B40C1000 WTE-B40C1000 Datasheet
45Kb / 3P
   1.0A BRIDGE RECTIFIER
logo
FutureWafer Tech Co.,Lt...
ABS10 FUTUREWAFER-ABS10 Datasheet
734Kb / 4P
   1.0A Bridge Rectifier
DBL1JS FUTUREWAFER-DBL1JS Datasheet
759Kb / 5P
   1.0A Bridge Rectifier
MB6S FUTUREWAFER-MB6S Datasheet
779Kb / 5P
   1.0A Bridge Rectifier
logo
Zibo Seno Electronic En...
RS101 ZSELEC-RS101 Datasheet
84Kb / 2P
   1.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
DSR6U600P5 DIODES-DSR6U600P5 Datasheet
105Kb / 5P
   6A DIODESTAR RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com