Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1079M Datasheet(PDF) 8 Page - Linear Technology

Part # LT1079M
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1079M Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1079M Datasheet HTML 4Page - Linear Technology LT1079M Datasheet HTML 5Page - Linear Technology LT1079M Datasheet HTML 6Page - Linear Technology LT1079M Datasheet HTML 7Page - Linear Technology LT1079M Datasheet HTML 8Page - Linear Technology LT1079M Datasheet HTML 9Page - Linear Technology LT1079M Datasheet HTML 10Page - Linear Technology LT1079M Datasheet HTML 11Page - Linear Technology LT1079M Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1078/LT1079
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD RESISTANCE TO GROUND (
Ω)
100
100k
1M
10M
10k
100k
1k
1M
LT1078/79 • TPC18
25
°C
–55
°C
125
°C
25
°C
–55
°C
125
°C
VS = ±15V
VS = 5V, 0V
Minimum Supply Voltage
POSITIVE SUPPLY VOLTAGE (V)
0
100
0
–100
–200
–300
–400
–500
LT1078/79 • TPC16
1
23
V= 0V
–0.1V
≤ VCM ≤ 0.4V
125
°C
–55
°C
0
°C
25
°C
70
°C
NONFUNCTIONAL
Voltage Gain vs Frequency
FREQUENCY (Hz)
0.01
1M
LT1078/79 • TPC10
1
100
10k
140
120
100
80
60
40
20
0
–20
0.1
10
1k
100k
VS = ±15V
VS = 5V, 0V
TA = 25°C
Slew Rate, Gain Bandwidth
Product and Phase Margin vs
Temperature
TEMPERATURE (
°C)
–50
0.12
0.10
0.08
0.06
0.04
240
220
200
180
160
80
70
60
50
40
0
50
75
LT1078/79 • TPC13
–25
25
100
125
SLEW =
±15V
GBW =
±15V
GBW = 5V, 0V
SLEW = 5V, 0V
φM = ±15V
φM = 5V, 0V
fO = 20kHz
Large-Signal Transient Response
VS = 5V, 0V
AV = 1, NO LOAD
50
µs/DIV
INPUT PULSE 0V TO 3.8V
LT1078/79 • TPC27
0V
Warm-Up Drift
TIME AFTER POWER-ON (MINUTES)
0
LT1078/79 • TPC17
1
2
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
3
TA = 25°C
VS = ±15V
WARM UP DRIFT
AT VS = 5V, 0V IS
IMMEASURABLY LOW
LT1079
LT1078
Large-Signal Transient Response
VS = ±15V
AV = 1
100
µs/DIV
NO LOAD
LT1078/79 • TPC28
0V
Voltage Gain vs Load Resistance
Capacitive Load Handling
CAPACITIVE LOAD (pF)
10
120
100
80
60
40
20
0
10000
LT1078/79 • TPC12
1000
100
TA = 25°C
VS = 5V, 0V
AV = 1
AV = 10
AV = 5
Gain, Phase vs Frequency
FREQUENCY (kHz)
30
30
20
10
0
–10
100
300
LTC1078/79 TPC11
100
120
140
160
180
200
10
1000
PHASE
MARGIN
66
°
PHASE
MARGIN
54
°
5V, 0V
±15V
±15V
5V, 0V
TA = 25°C
CL = 20pF
GAIN


Similar Part No. - LT1079M

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1079MJ LINER-LT1079MJ Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results

Similar Description - LT1079M

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_1 Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2079 LINER-LT2079_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
ISL28276 INTERSIL-ISL28276_07 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
logo
Linear Technology
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com