Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1082M Datasheet(PDF) 6 Page - Linear Technology

Part # LT1082M
Description  1A High Voltage, Efficiency Switching Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1082M Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1082M Datasheet HTML 2Page - Linear Technology LT1082M Datasheet HTML 3Page - Linear Technology LT1082M Datasheet HTML 4Page - Linear Technology LT1082M Datasheet HTML 5Page - Linear Technology LT1082M Datasheet HTML 6Page - Linear Technology LT1082M Datasheet HTML 7Page - Linear Technology LT1082M Datasheet HTML 8Page - Linear Technology LT1082M Datasheet HTML 9Page - Linear Technology LT1082M Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1082
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
VC Pin Characteristics
FREQUENCY (Hz)
1k
100k
1M
10M
1082 G24
10k
7000
6000
5000
4000
3000
2000
1000
0
–1000
θ
gm
–30
0
30
60
90
120
150
180
210
Error Amplifier Transconductance
TEMPERATURE (°C)
–75 –50
50
100
1082 G18
25
150
–25
0
75
125
5000
4500
4000
3500
3000
2500
2000
1500
1000
500
0
gm =
∆I
∆V
(VC PIN)
(FB PIN)
Idle Supply Current vs
Temperature
TEMPERATURE (°C)
1082 G20
10
9
8
7
6
5
4
3
2
1
–75 –50
50
100
25
150 175
–25 0
75
125
VC = 0.6V
VIN = 75V
VIN = 3V
TEMPERATURE (°C)
1082 G19
400
350
300
250
200
150
100
50
0
–75 –50
50
100
25
150 175
–25 0
75
125
–400
–350
–300
–250
–200
–150
–100
–50
0
VOLTAGE AT VC PIN
CURRENT
(OUT OF VC PIN)
Shutdown Thresholds
Feedback Pin Clamp Voltage
SWITCH VOLTAGE (V)
500
450
400
350
300
250
200
150
100
50
0
1082 G22
0
10
50
70
40
90 100
20 30
60
80
A. VIN = 3V
B. VIN = 15V
C. VIN = 40V
D. VIN = 55V
E. VIN = 75V
AB
DE
C
FEEDBACK CURRENT (mA)
0
800
700
600
500
400
300
200
0.1
1082 G21
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1
TJ = –55°C
TJ = 25°C
TJ = 150°C
Switch “Off” Characteristics
Transconductance of Error
Amplifier
V C PIN VOLTAGE (V)
400
300
200
100
0
–100
–200
–300
–400
1082 G23
0
1.0
2.5
0.5
1.5
2.0
VFB = 0.8V
(CURRENT OUT OF VC PIN)
VFB = 1.5V
(CURRENT INTO VC PIN)
TJ = 25°C


Similar Part No. - LT1082M

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1082 LINEAR-LT1082 Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
Linear Technology
LT1082 LINER-LT1082 Datasheet
191Kb / 16P
   Available in MiniDiP, TO-220, and TO-3 Packages
LT1082 LINER-LT1082 Datasheet
189Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
Linear Integrated Syste...
LT1082CN8 LINEAR-LT1082CN8 Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
LT1082CQ LINEAR-LT1082CQ Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
More results

Similar Description - LT1082M

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1082 LINEAR-LT1082_1 Datasheet
184Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
Linear Technology
LT1082 LINER-LT1082_15 Datasheet
189Kb / 12P
   1A High Voltage, Efficiency Switching Voltage Regulator
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
Sanyo Semicon Device
STK-521 SANYO-STK-521 Datasheet
27Kb / 1P
   1A VOLTAGE REGULATOR
logo
National Semiconductor ...
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2672M-5.0 TI1-LM2672M-5.0 Datasheet
667Kb / 16P
[Old version datasheet]   Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2675_0506 NSC-LM2675_0506 Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com