Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1530 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1530
Description  High Power Synchronous Switching Regulator Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1530 Datasheet(HTML) 4 Page - Linear Technology

  LTC1530_15 Datasheet HTML 1Page - Linear Technology LTC1530_15 Datasheet HTML 2Page - Linear Technology LTC1530_15 Datasheet HTML 3Page - Linear Technology LTC1530_15 Datasheet HTML 4Page - Linear Technology LTC1530_15 Datasheet HTML 5Page - Linear Technology LTC1530_15 Datasheet HTML 6Page - Linear Technology LTC1530_15 Datasheet HTML 7Page - Linear Technology LTC1530_15 Datasheet HTML 8Page - Linear Technology LTC1530_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1530
1530fa
OUTPUT CURRENT (A)
2.510
2.508
2.506
2.504
2.502
2.500
2.498
2.496
2.494
2.492
2.490
1530 G02
01
2
3
4
5
6
TA = 25°C
REFER TO FIGURE 2
Efficiency vs Load Current
Load Regulation
LOAD CURRENT (A)
0
0.3
100
90
80
70
60
50
40
30
20
10
0
4
8
10
1530 G01
2
6
12
14
TA = 25°C
REFER TO FIGURE 10
TYPICAL PERFOR A CE CHARACTERISTICS
LTC1530 VSENSE vs Temperature
TEMPERATURE (
°C)
–55
1.260
1.255
1.250
1.245
1.240
1.235
1.230
1.225
1.220
1.215
1.210
–15
25
45
125
1530 G03
–35
5
65
85 105
LTC1530-1.9 VOUT vs Temperature
LTC1530-2.5 VOUT vs Temperature
TEMPERATURE (
°C)
–55
1.930
1.925
1.920
1.915
1.910
1.905
1.900
1.895
1.890
1.885
1.880
1.875
1.870
25
1530 G04
–35 –15
5
45
65
85 105 125
TEMPERATURE (
°C)
–55
2.55
2.54
2.53
2.52
2.51
2.50
2.49
2.48
2.47
2.46
2.45
–15
25
45
125
1530 G05
–35
5
65
85 105
Undervoltage Lockout Threshold
Voltage vs Temperature
LTC1530-2.8 VOUT vs Temperature
TEMPERATURE (
°C)
–55
2.85
2.84
2.83
2.82
2.81
2.80
2.79
2.78
2.77
2.76
2.75
2.74
25
1530 G06
–35 –15
5
45
65
85 105 125
LTC1530-3.3 VOUT vs Temperature
TEMPERATURE (
°C)
–55
3.36
3.35
3.34
3.33
3.32
3.31
3.30
3.29
3.28
3.27
3.26
3.25
3.24
3.23
25
1530 G06
–35 –15
5
45
65
85 105 125
Error Amplifier Transconductance
vs Temperature
TEMPERATURE (
°C)
–55
4.5
4.3
4.1
3.9
3.7
3.5
3.3
3.1
2.9
2.7
2.5
2.3
–15
25
45
125
1530 G08
–35
5
65
85 105
TEMPERATURE (
°C)
–55
2.8
2.6
2.4
2.2
2.0
1.8
1.6
–15
25
45
125
1530 G09
–35
5
65
85 105


Similar Part No. - LTC1530_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1530C LINER-LTC1530C Datasheet
288Kb / 24P
   High Power Synchronous Switching Regulator Controller
LTC1530CS8 LINER-LTC1530CS8 Datasheet
288Kb / 24P
   High Power Synchronous Switching Regulator Controller
LTC1530CS8-1.9 LINER-LTC1530CS8-1.9 Datasheet
288Kb / 24P
   High Power Synchronous Switching Regulator Controller
LTC1530CS8-2.5 LINER-LTC1530CS8-2.5 Datasheet
288Kb / 24P
   High Power Synchronous Switching Regulator Controller
LTC1530CS8-2.8 LINER-LTC1530CS8-2.8 Datasheet
288Kb / 24P
   High Power Synchronous Switching Regulator Controller
More results

Similar Description - LTC1530_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1530 LINER-LTC1530 Datasheet
288Kb / 24P
   High Power Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5_15 Datasheet
382Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3703 LINER-LTC3703_15 Datasheet
453Kb / 34P
   100V Synchronous Switching Regulator Controller
LTC3703 LINER-LTC3703 Datasheet
490Kb / 32P
   100V Synchronous Switching Regulator Controller
LTC3831 LINER-LTC3831 Datasheet
236Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831-1 LINER-LTC3831-1_15 Datasheet
274Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831 LINER-LTC3831_15 Datasheet
219Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC3831-1 LINER-LTC3831-1 Datasheet
268Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
LTC1704 LINER-LTC1704 Datasheet
343Kb / 28P
   550kHz Synchronous Switching Regulator Controller Plus Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com