Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1559-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1559-5
Description  Backup Battery Controller with Fixed Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1559-5 Datasheet(HTML) 1 Page - Linear Technology

  LTC1559-5_15 Datasheet HTML 1Page - Linear Technology LTC1559-5_15 Datasheet HTML 2Page - Linear Technology LTC1559-5_15 Datasheet HTML 3Page - Linear Technology LTC1559-5_15 Datasheet HTML 4Page - Linear Technology LTC1559-5_15 Datasheet HTML 5Page - Linear Technology LTC1559-5_15 Datasheet HTML 6Page - Linear Technology LTC1559-5_15 Datasheet HTML 7Page - Linear Technology LTC1559-5_15 Datasheet HTML 8Page - Linear Technology LTC1559-5_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1559-3.3/LTC1559-5
Backup Battery Controller
with Fixed Output
s
Complete Battery Backup System in an SO-8,
16-Pin GN or SO Package
s
Generates Fixed Backup Voltage (3.07V/4.63V) from
a Single 1.2V NiCd Button Cell
s
Automatic Main Supply to Backup Switching
s
Minimum 100mW Output Power
s
Automatic Fast Recharge of NiCd Battery
s
Programmable NiCd Trickle Charge Current
s
Smart NiCd Charger Minimizes Recharge Time and
Maximizes System Efficiency After Backup
s
Onboard Power-Up and Push-Button Reset
Generator
s
Performs VCC Supervisory Functions
s
Reset Assertion Guaranteed at VCC = 1V
s
Short-Circuit Protection
s
Thermal Limiting
FEATURES
DESCRIPTION
The LTC
®1559 is a backup battery controller that provides
all the functions necessary to implement a backup 3.3V or
5V power supply using a single NiCd cell. It includes a 1.2V
to 3.07V/4.63V boost converter, an intelligent 2-stage
battery charger, automatic backup switching and a micro-
processor reset generator. The boost converter uses a
synchronous switching architecture to achieve a typical
efficiency of 70%, ensuring maximum backup lifetime
from a small NiCd cell.
The on-chip NiCd charger uses an internal gas gauge to
minimize fast recharge time and prevent overcharging of
the backup cell, thereby improving system efficiency and
extending the life of the backup cell. The LTC1559 also
provides a user programmable trickle charge current to
compensate for self-discharge losses in the backup cell.
The LTC1559’s automatic backup switching scheme
requires minimum intervention from the host system and
provides feedback to the host to minimize system loading
in the backup state. Its internal VCC fault detector and reset
generator eliminate the need for a separate microproces-
sor supervisory chip in most applications.
The LTC1559 is available in an SO-8, 16-pin GN or SO
package.
APPLICATIONS
s
Notebook Computers
s
Palmtop Computers/PDAs
s
Portable Instruments
s
Battery-Powered Systems
, LTC and LT are registered trademarks of Linear Technology Corporation.
TYPICAL APPLICATION
CTL
C1
1
µF
**BACKUP
BATTERY
1.2V
NiCd
MAIN
BATTERY
4.5V TO 28V
R1
68k
SW
LTC1559-3.3
*L1
22
µH
GND
PS
7
1
8
5
6
3
S1
RESET
1559 TA01
2
4
VBAK
VCC
RESET
BACKUP
+
C3
100
µF
10V
VOUT
3.3V AT NORMAL MODE
3A
VBAK
33mA (3.07V) AT BACKUP MODE
>33mA (3.3V) AT NORMAL MODE
C2
1
µF
SYSTEM
µP
R2
100k
Q1
P-MOSFET
Si9424DY
* SUMIDA CD54-22
µH
** PANASONIC P-11AAH
† CONSULT LTC1435 DATA SHEET FOR
APPLICATION CIRCUIT INFORMATION
LTC1435
SYNCHRONOUS
BUCK
REGULATOR
+
+
Backup Time vs
VBAK Output Load Current
VBAK LOAD CURRENT (mA)
0
800
700
600
500
400
300
200
100
0
15
25
1559 TA02
510
20
30
35
VBAK = 3.07V
NiCd CELL = P-11AAH
(110mA Hrs)


Similar Part No. - LTC1559-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1559-5 LINER-LTC1559-5 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
More results

Similar Description - LTC1559-5_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1559-3.3 LINER-LTC1559-3.3_15 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
LTC1559-3.3 LINER-LTC1559-3.3 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
LTC1558-3.3 LINER-LTC1558-3.3_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1558-3.3 LINER-LTC1558-3.3 Datasheet
254Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1558-5 LINER-LTC1558-5_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
logo
Maxim Integrated Produc...
MAX16023 MAXIM-MAX16023 Datasheet
269Kb / 17P
   Battery-Backup Circuits with Regulated Output Voltage
Rev 0; 8/08
MAX20094 MAXIM-MAX20094 Datasheet
1Mb / 32P
   Backup Battery Charger and Boost Controller
2020
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Rohm
BA6129AF ROHM-BA6129AF Datasheet
108Kb / 9P
   Reset IC with battery backup function
logo
ON Semiconductor
NCS32100 ONSEMI-NCS32100 Datasheet
915Kb / 29P
   Inductive Position Sensor with Battery Backup
November, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com