Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG20J Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BYG20J
Description  1.5A, 200V - 600V High Efficient Surface Mount Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BYG20J Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BYG20J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BYG20J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BYG20J Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BYG20J Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated junction chip
- Ideal for automated placement
- Fast switching for high efficiency
- High surge current capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Part No. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
IF=1.0A
IF=1.5A
TJ=25°C
TJ=100°C
trr
ns
RθJA
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D0000075
Version: C15
Maximum instantaneous forward voltage
(Note 1)
1.3
1.4
Maximum reverse current @ rated VR
DO-214AC (SMA)
200
400
280
400
600
420
600
Storage temperature range
- 55 to +150
Note 1: Pulse Test with PW=300μs, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
BYG20D
BYG20G
BYG20J
200
140
Typical thermal resistance
100
Operating junction temperature range
- 55 to +150
Pulse energy in avalanche mode, non repetitive
(Inductive load switch off ), L=120mH
ERSM
20
mJ
Maximum reverse recovery time (Note 2)
75
VF
V
IR
1
μA
10
Maximum average forward rectified current
1.5
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Weight:
0.064 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
PARAMETER
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
DO-214AC (SMA)
Polarity:
Indicated by cathode band
BYG20D - BYG20J
1.5A, 200V - 600V High Efficient Surface Mount Rectifiers
FEATURES
Moisture sensitivity level: level 1, per J-STD-020
Taiwan Semiconductor


Similar Part No. - BYG20J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG20J VISHAY-BYG20J Datasheet
59Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Luguang Electr...
BYG20J LUGUANG-BYG20J Datasheet
1Mb / 2P
   Ultra Fast SMD Rectifiers
logo
Vishay Siliconix
BYG20J VISHAY-BYG20J Datasheet
108Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG20J VISHAY-BYG20J Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
logo
EIC discrete Semiconduc...
BYG20J EIC-BYG20J Datasheet
151Kb / 2P
   ULTRAFAST AVALANCHE RECTIFIERS
More results

Similar Description - BYG20J

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
S15DLW TSC-S15DLW Datasheet
470Kb / 5P
   1.5A, 200V - 1000V Surface Mount Rectifiers
HS1DLW TSC-HS1DLW Datasheet
202Kb / 4P
   1A, 200V - 1000V High Efficient Surface Mount Rectifiers
ES15DLW TSC-ES15DLW Datasheet
351Kb / 8P
   1.5A, 200V - 600V Surface Mount Super Fast Rectifier
TUAU6GH TSC-TUAU6GH Datasheet
487Kb / 5P
   6A, 400 - 600V High Efficient Surface Mount Rectifiers
ESH1DM TSC-ESH1DM Datasheet
413Kb / 4P
   1A, 200V - 600V Surface Mount Ultrafast Rectifiers
HS2A TSC-HS2A_14 Datasheet
366Kb / 4P
   High Efficient Surface Mount Rectifiers
logo
Shenzhen Taychipst Elec...
HS2AA TAYCHIPST-HS2AA Datasheet
5Mb / 2P
   High Efficient Surface Mount Rectifiers
logo
EIC discrete Semiconduc...
SME1A EIC-SME1A Datasheet
77Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
SETA EIC-SETA_05 Datasheet
55Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
SynSemi, Inc.
SE5A SYNSEMI-SE5A Datasheet
50Kb / 2P
   SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com