Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RA0010 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RA0010
Description  STANDARD RECOVERY THREE PHASE BRIDGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RA0010 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RA0010_15 Datasheet HTML 1Page - Solid States Devices, Inc RA0010_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
FEATURES:
SDA295
5 AMPS
50 - 1000 VOLTS
STANDARD RECOVERY
THREE PHASE BRIDGE
SDA295A
thru
SDA295G
• PIV 50 to 1000 Volts
• Average Output 5A.
• Reverse Recovery 5 :sec Max
• Subminiature Design for Mounting Versatility
• Hermetically Sealed Rectifier Cells
• Maximum Thermal Resistance 5.0oC/W
• -55 to +150oC Operating and Storage Temperature
• Fast and Ultra Fast Assemblies Available
• TX and TXV Level Screening Available
1.30
ELECTRICAL CHARACHTERISTICS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET # : RA0010A
Part
Number
Symbol
Units
Conditions
SDA295A
SDA295B
SDA295C
SDA295D
SDA295E
Peak
Inverse Voltage
(per Leg)
Average
Rectified
Current
Maximum
Surge Current
(1 Cycle)
Maximum
Forward Voltage
(per Leg)
PIV
IO
IFSM
VF
Volts
Amps
Amps
Volts
55oC25oCIF= 5A, TA= 25oC
570
50
570
100
5
70
1.20
200
5
70
1.20
400
5
70
1.20
600
NOTES:
1. Maximum forward voltage measured with instantaneous forward pulse of 300:sec minimum.
2. Unless otherwise specified: TA = 25oC.
Maximum
Reverse Current
(@ PIV)
IR
:A
25oC
100oC
2.0
150
2.0
150
2.0
150
2.0
150
2.0
150
1.20
1.20
25oC
SDA295F
5
70
1.20
800
2.0
150
SDA295G
5
70
1.20
1000
2.0
150
100 oC
2.6
2.6
2.6
2.6
2.6
2.6
2.6


Similar Part No. - RA0010_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RA0010 SSDI-RA0010 Datasheet
54Kb / 2P
   THREE PHASE BRIDGE
More results

Similar Description - RA0010_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA316A SSDI-SDA316A Datasheet
100Kb / 1P
   STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
678 MICROSEMI-678_07 Datasheet
156Kb / 3P
   Three Phase Bridge Standard & Fast Recovery
logo
Solid States Devices, I...
SDA403A SSDI-SDA403A Datasheet
29Kb / 2P
   6 AMPS STANDARD RECOVERY THREE PHASE BRIDGE RECTIFIER ASSEMBLY
SDA295A SSDI-SDA295A Datasheet
53Kb / 2P
   5 AMPS 50 - 1000 VOLTS STANDARD RECOVERY THREE PHASE BRIDGE
SDA403AF SSDI-SDA403AF Datasheet
147Kb / 1P
   FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
RA0011B SSDI-RA0011B_15 Datasheet
108Kb / 2P
   STANDARD RECOVERY SINGLE PHASE BRIDGE
RA0009 SSDI-RA0009_15 Datasheet
58Kb / 2P
   STANDARD RECOVERY SINGLE PHASE BRIDGE
RA0022 SSDI-RA0022_15 Datasheet
41Kb / 2P
   THREE PHASE BRIDGE RECTIFIER ASSEMBLY FAST RECOVERY
SDA38AHF SSDI-SDA38AHF Datasheet
147Kb / 1P
   HYPER FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
SDA37AUF SSDI-SDA37AUF Datasheet
139Kb / 1P
   ULTRA FAST RECOVERY THREE PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com