Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1078AC Datasheet(PDF) 10 Page - Linear Technology

Part # LT1078AC
Description  Micropower, Dual and Quad, Single Supply, Precision Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1078AC Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1078AC Datasheet HTML 6Page - Linear Technology LT1078AC Datasheet HTML 7Page - Linear Technology LT1078AC Datasheet HTML 8Page - Linear Technology LT1078AC Datasheet HTML 9Page - Linear Technology LT1078AC Datasheet HTML 10Page - Linear Technology LT1078AC Datasheet HTML 11Page - Linear Technology LT1078AC Datasheet HTML 12Page - Linear Technology LT1078AC Datasheet HTML 13Page - Linear Technology LT1078AC Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1078/LT1079
TYPICAL PERFORMANCE CHARACTERISTICS
Small-Signal Transient Response
VS = ± 2.5V
AV = 1
10
µs/DIV
CL = 15pF
LT1078/79 • TPC25
0V
Small-Signal Transient Response
VS = 5V, 0V
AV = 1
10
µs/DIV
CL = 15pF
INPUT 50mV TO 150mV
LT1078/79 • TPC24
0.1V
Small-Signal Transient Response
VS = ± 15V
AV = 1
10
µs/DIV
CL = 15pF
LT1078/79 • TPC26
0V
APPLICATIONS INFORMATION
The LT1078/LT1079 devices are fully specified with
V + = 5V, V = 0V, VCM = 0.1V. This set of operating
conditions appears to be the most representative for
battery-powered micropower circuits. Offset voltage is
internally trimmed to a minimum value at these supply
voltages. When 9V or 3V batteries or
±2.5V dual supplies
are used, bias and offset current changes will be minimal.
Offset voltage changes will be just a few microvolts as
given by the PSRR and CMRR specifications. For example,
if PSRR = 114dB (= 2
µV/V), at 9V the offset voltage change
will be 8
µV. Similarly, VS = ±2.5V, VCM = 0V is equivalent
to a common mode voltage change of 2.4V or a VOS
change of 7
µV if CMRR = 110dB (3µV/V).
A full set of specifications is also provided at
±15V supply
voltages for comparison with other devices and for com-
pleteness.
Single Supply Operation
The LT1078/LT1079 are fully specified for single supply
operation, i.e., when the negative supply is 0V. Input
common mode range goes below ground and the output
swings within a few millivolts of ground while sinking
current. All competing micropower op amps either cannot
swing to within 600mV of ground (OP-20, OP-220, OP-420)
or need a pull-down resistor connected to the output to swing
to ground (OP-90, OP-290, OP-490, HA5141/42/44). This


Similar Part No. - LT1078AC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078ACH LINER-LT1078ACH Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078ACN8 LINER-LT1078ACN8 Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results

Similar Description - LT1078AC

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078 Datasheet
429Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_15 Datasheet
609Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT1078 LINER-LT1078_1 Datasheet
335Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2078 LINER-LT2078_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
LT2079 LINER-LT2079_15 Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286_07 Datasheet
434Kb / 14P
   Dual and Quad Micropower Single Supply Dual and Quad Micropower Single Supply Precision Op Amp
ISL28276 INTERSIL-ISL28276_07 Datasheet
500Kb / 13P
   Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
logo
Linear Technology
LT2179 LINER-LT2179_15 Datasheet
216Kb / 12P
   17A Max, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com