Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1080CN Datasheet(PDF) 10 Page - Linear Technology

Part # LT1080CN
Description  Advanced Low Power 5V RS232 Dual Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1080CN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1080CN Datasheet HTML 4Page - Linear Technology LT1080CN Datasheet HTML 5Page - Linear Technology LT1080CN Datasheet HTML 6Page - Linear Technology LT1080CN Datasheet HTML 7Page - Linear Technology LT1080CN Datasheet HTML 8Page - Linear Technology LT1080CN Datasheet HTML 9Page - Linear Technology LT1080CN Datasheet HTML 10Page - Linear Technology LT1080CN Datasheet HTML 11Page - Linear Technology LT1080CN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LT1080/LT1081
PACKAGE DESCRIPTIO
Dimensions in inches (millimeters) unless otherwise noted.
SW Package
16-Lead Plastic Small Outline (Wide 0.300)
(LTC DWG # 05-08-1620)
S16 (WIDE) 0396
NOTE 1
0.398 – 0.413*
(10.109 – 10.490)
16
15
14
13
12
11
10
9
1
23
4
5
6
78
0.394 – 0.419
(10.007 – 10.643)
0.037 – 0.045
(0.940 – 1.143)
0.004 – 0.012
(0.102 – 0.305)
0.093 – 0.104
(2.362 – 2.642)
0.050
(1.270)
TYP
0.014 – 0.019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 1
0.009 – 0.013
(0.229 – 0.330)
0.016 – 0.050
(0.406 – 1.270)
0.291 – 0.299**
(7.391 – 7.595)
× 45°
0.010 – 0.029
(0.254 – 0.737)
NOTE:
1. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
*
**


Similar Part No. - LT1080CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1080 LINER-LT1080 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
More results

Similar Description - LT1080CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081 LINER-LT1081_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1781IS LINER-LT1781IS Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
LT1280A LINER-LT1280A Datasheet
250Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1181A LINER-LT1181A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1281A LINER-LT1281A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
logo
Linear Integrated Syste...
LT1180 LINEAR-LT1180_1 Datasheet
201Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
logo
Linear Technology
LT1180A LINER-LT1180A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1381 LINER-LT1381 Datasheet
185Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1381 LINER-LT1381_15 Datasheet
170Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com