Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1105 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1105
Description  Offline Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1105 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1105 Datasheet HTML 4Page - Linear Technology LT1105 Datasheet HTML 5Page - Linear Technology LT1105 Datasheet HTML 6Page - Linear Technology LT1105 Datasheet HTML 7Page - Linear Technology LT1105 Datasheet HTML 8Page - Linear Technology LT1105 Datasheet HTML 9Page - Linear Technology LT1105 Datasheet HTML 10Page - Linear Technology LT1105 Datasheet HTML 11Page - Linear Technology LT1105 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
8
LT1103/LT1105
TYPICAL PERFORMANCE CHARACTERISTICS
15V Gate Bias Short-Circuit
Current vs Temperature
FB Input Bias Current vs
Temperature (VC = 1V)
Change in FB Input Bias Current
with Change in VC vs Temperature
(VC = 1V to 4V)
TEMPERATURE (°C)
–75
4.52
4.56
4.60
125
LT1103 G25
4.48
4.44
4.40
–25
25
75
175
150
100
50
0
–50
Feedback Threshold vs
Temperature
TEMPERATURE (°C)
–75
12
16
20
125
LT1103 G26
8
4
0
–25
25
75
175
150
100
50
0
–50
TEMPERATURE (°C)
–75
7
8
10
11
12
14
–50
50
100
LT1103 G27
9
13
25
150 175
–25 0
75
125
Error Amplifier Voltage Gain vs
Temperature
Error Amplifier Transconductance
vs Temperature
TEMPERATURE (°C)
–75
25000
125
LT1103 G28
15000
10000
5000
–25
25
75
175
–50
0
50
100
150
20000
FREQUENCY (kHz)
0.004
0.008
0.012
0.016
0.020
0.1
10
100
1000
LT1103 G29
0
1
0.018
0.014
0.010
0.006
0.002
40
80
120
160
200
0
180
140
100
60
20
PHASE
PHASE
gm
gm
Error Amplifier Transconductance
and Phase vs Frequency
TEMPERATURE (°C)
–75
2500
125
LT1103 G30
1500
1000
500
–25
25
75
175
–50
0
50
100
150
2000
TEMPERATURE (°C)
–75
9.9
10.2
10.5
125
LT1103 G23
9.6
9.3
9.0
–25
25
75
175
150
100
50
0
–50
Low Switch Drive Lockout
Threshold vs Temperature
High Switch Drive Lockout
Threshold vs Temperature
TEMPERATURE (°C)
–75
17.0
17.5
18.0
18.5
19.0
19.5
20.0
–25
25
75
125
LT1103 G24
175
–50
0
50
100
150
TEMPERATURE (
°C)
–75
90
110
130
125
LT1103 G22
70
50
30
–25
25
75
175
150
100
50
0
–50


Similar Part No. - LT1105

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1105 LINER-LT1105_15 Datasheet
381Kb / 32P
   Offline Switching Regulator
More results

Similar Description - LT1105

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1105 LINER-LT1105_15 Datasheet
381Kb / 32P
   Offline Switching Regulator
LT1103 LINER-LT1103_15 Datasheet
381Kb / 32P
   Offline Switching Regulator
logo
Monolithic Power System...
MP110 MPS-MP110 Datasheet
2Mb / 23P
   900V Offline Switching Regulator
HF900 MPS-HF900 Datasheet
790Kb / 25P
   900V Offline Switching Regulator
logo
NTE Electronics
NTE7076 NTE-NTE7076 Datasheet
22Kb / 2P
   Integrated Circuit Module - 100W Offline Switching Regulator
logo
Sanyo Semicon Device
STK7309 SANYO-STK7309 Datasheet
155Kb / 1P
   OFFLINE SWITCHING REGULATOR FOR COLOR TV USE
STK7406 SANYO-STK7406 Datasheet
131Kb / 2P
   Thick Film Hybrid IC Offline Switching Regulator
STK73605I SANYO-STK73605I Datasheet
72Kb / 2P
   OFFLINE SWITCHING
STK7458 SANYO-STK7458 Datasheet
180Kb / 5P
   OFFLINE SWITCHING
logo
Linkage Goston Electron...
DK125 LINKAGE-DK125 Datasheet
2Mb / 13P
   Offline switching power core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com