Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBU15L05 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # GBU15L05
Description  15A, 600V Low VF, Low Noise Single-Phase Single In-Line Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

GBU15L05 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  GBU15L05 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd GBU15L05 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd GBU15L05 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd GBU15L05 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
(TA=25°C unless otherwise noted)
Document Number: DS_D0000071
Version: A15
GBU15L05
GBU15L05
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
ORDERING INFORMATION
GBU15L05HD2G
EXAMPLE
PREFERRED P/N
DESCRIPTION
PACKING CODE
SUFFIX
PACKING CODE
PART NO.
SUFFIX
GBU15L05
H
D2
G
Green compound
AEC-Q101 qualified
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
Forming
PART NO.
SUFFIX
H
20 / Tube
20 / Tube
GBU
G
X0
D2
C2
0
5
10
15
20
0
25
50
75
100
125
150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTER OR
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.01
0.1
1
10
100
0
20406080
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25°C
TJ=125°C
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
Pulse Width=300μs
1% Duty Cycle
TJ=25°C
TJ=125°C


Similar Part No. - GBU15L05

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GBU15L05 TSC-GBU15L05 Datasheet
218Kb / 4P
   Low VF, Low Noise Single-Phase Single In-Line Bridge Rectifiers
GBU15L05 TSC-GBU15L05_16 Datasheet
218Kb / 4P
   Low VF, Low Noise Single-Phase Single In-Line Bridge Rectifiers
More results

Similar Description - GBU15L05

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS15PL05G TSC-TS15PL05G Datasheet
251Kb / 4P
   15A, 600V - 800V Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
GBU15L05 TSC-GBU15L05_16 Datasheet
218Kb / 4P
   Low VF, Low Noise Single-Phase Single In-Line Bridge Rectifiers
TS25PL05G TSC-TS25PL05G Datasheet
219Kb / 4P
   25A, 600V Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
logo
Vishay Siliconix
LVB1560 VISHAY-LVB1560_V01 Datasheet
113Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
LVE2560 VISHAY-LVE2560 Datasheet
119Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 09-Jul-2020
LVB2560 VISHAY-LVB2560_V01 Datasheet
114Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
LVE1560 VISHAY-LVE1560_V01 Datasheet
120Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
LVB1560 VISHAY-LVB1560 Datasheet
90Kb / 4P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 20-Dec-10
LVB2560 VISHAY-LVB2560 Datasheet
91Kb / 4P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
Revision: 20-Dec-10
LVE2560 VISHAY-LVE2560_V01 Datasheet
120Kb / 5P
   Low VF Single-Phase Single In-Line Bridge Rectifiers
01-Jan-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com