Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1108-5 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1108-5
Description  Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1108-5 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1108-5 Datasheet HTML 3Page - Linear Technology LT1108-5 Datasheet HTML 4Page - Linear Technology LT1108-5 Datasheet HTML 5Page - Linear Technology LT1108-5 Datasheet HTML 6Page - Linear Technology LT1108-5 Datasheet HTML 7Page - Linear Technology LT1108-5 Datasheet HTML 8Page - Linear Technology LT1108-5 Datasheet HTML 9Page - Linear Technology LT1108-5 Datasheet HTML 10Page - Linear Technology LT1108-5 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1108
S
APPLICATI
I FOR ATIO
Energy required from the inductor is
P
f
mW
kHz
J
L
OSC
==
315
19
16 6
07
.(
)
µ
Picking an inductor value of 100
µH with 0.2Ω DCR results
in a peak switch current of
I
V
emA
PEAK
s
H
=
 =
×
2
10
1
605
08
10
36
100
.
–(
)
–.
Ωµ
µ
Substituting IPEAK into Equation 04 results in
EH
A
J
L =
()(
) =
1
2
100
6 605
18 3
09
2
µµ
..
(
)
Since 18.3
µJ > 16.6µJ, the 100µH inductor will work. This
trial-and-error approach can be used to select the optimum
inductor. Keep in mind the switch current maximum rating
of 1.5A. If the calculated peak current exceeds this, an
external power transistor can be used.
A resistor can be added in series with the ILIM pin to invoke
switch current limit. The resistor should be picked so the
calculated IPEAK at minimum VIN is equal to the Maximum
Switch Current (from Typical Performance Characteristic
curves). Then, as VIN increases, switch current is held
constant, resulting in increasing efficiency.
Step-Down Converter
The step-down case (Figure 2) differs from the step-up in
that the inductor current flows through the load during both
the charge and discharge periods of the inductor. Current
through the switch should be limited to ~650mA in this
mode. Higher current can be obtained by using an external
switch (see Figure 3). The ILIM pin is the key to successful
operation over varying inputs.
After establishing output voltage, output current and input
voltage range, peak switch current can be calculated by the
formula:
I
I
DC
VV
VV
V
PEAK
OUT
OUT
D
IN
SW
D
=
+
+
2
10
()
where DC = duty cycle (0.60)
VSW = switch drop in step-down mode
VD = diode drop (0.5V for a 1N5818)
IOUT = output current
VOUT = output voltage
VIN = minimum input voltage
VSW is actually a function of switch current which is in turn
a function of VIN, L, time, and VOUT. To simplify, 1.5V can
be used for VSW as a very conservative value.
Once IPEAK is known, inductor value can be derived from
L
VV
V
I
t
IN MIN
SW
OUT
PEAK
ON
=
−−
×
()
11
where tON = switch-ON time (36µs).
Next, the current limit resistor RLIM is selected to give IPEAK
from the RLIM Step-Down Mode curve. The addition of this
resistor keeps maximum switch current constant as the
input voltage is increased.
As an example, suppose 5V at 300mA is to be generated
from a 12V to 24V input. Recalling Equation (10),
I
mA
mA
PEAK =
()
+
+
 =
2 300
060
50 5
12
15
05
500
12
.
.
–.
.
()
Next, inductor value is calculated using Equation (11)
L
mA
sH
==
12
1 5
5
500
36
396
13
–. –
()
µµ
Use the next lowest standard value (330
µH).
Then pick RLIM from the curve. For IPEAK = 500mA,
RLIM = 220Ω.
Positive-to-Negative Converter
Figure 4 shows hookup for positive-to-negative conver-
sion. All of the output power must come from the inductor.
In this case,
PL = (VOUT+ VD)(IOUT)
(14)


Similar Part No. - LT1108-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1108 LINER-LT1108 Datasheet
241Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results

Similar Description - LT1108-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1111 LINER-LT1111 Datasheet
337Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_03 Datasheet
237Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107 Datasheet
254Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1073 LINER-LT1073_15 Datasheet
264Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1107 LINER-LT1107_15 Datasheet
217Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173_15 Datasheet
267Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1111 LINER-LT1111_15 Datasheet
247Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1110 LINER-LT1110 Datasheet
310Kb / 16P
   Micropower DC-DC Converter Adjustable and Fixed 5V, 12V
LT1173 LINER-LT1173 Datasheet
322Kb / 16P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
LT1108 LINER-LT1108_15 Datasheet
241Kb / 12P
   Micropower DC/DC Converter Adjustable and Fixed 5V, 12V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com