Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER108 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # HER108
Description  High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER108 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  HER108 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER108 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER108 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER108 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.00
2.70
0.079
0.106
B
0.71
0.86
0.028
0.034
C
25.40
-
1.000
-
D
4.20
5.20
0.165
0.205
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW = Date Code
F =
Factory Code
Document Number: DS_D1406007
Version: F14
MARKING DIAGRAM
HER101 thru HER108
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
0
10
20
30
40
50
60
70
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
HER106-HER108
HER101-HER105


Similar Part No. - HER108

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER108 MOSPEC-HER108 Datasheet
129Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,600-1000V)
logo
Zibo Seno Electronic En...
HER108 ZSELEC-HER108 Datasheet
113Kb / 2P
   1.0A HIGH EFFICIENCY RECTIFIER
logo
Taiwan Semiconductor Co...
HER108 TSC-HER108 Datasheet
553Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Leshan Radio Company
HER108 LRC-HER108 Datasheet
61Kb / 2P
   1A HIGH EFFICIENCY GPP DIODES
logo
DONGGUAN YOU FENG WEI E...
HER108 YFWDIODE-HER108 Datasheet
425Kb / 3P
   High Efficiency Silicon Rectifiers
More results

Similar Description - HER108

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_14 Datasheet
377Kb / 4P
   High Efficient Rectifiers
HER101S TSC-HER101S_14 Datasheet
377Kb / 4P
   High Efficient Rectifiers
HT11 TSC-HT11_14 Datasheet
376Kb / 4P
   High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001 GOOD-ARK-HER2001 Datasheet
152Kb / 2P
   High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER301 TSC-HER301_13 Datasheet
425Kb / 4P
   3.0AMPS High Efficient Rectifiers
HER301 TSC-HER301_11 Datasheet
196Kb / 2P
   3.0AMPS High Efficient Rectifiers
HER201 TSC-HER201_13 Datasheet
426Kb / 4P
   2.0AMPS High Efficient Rectifiers
HER201 TSC-HER201_11 Datasheet
190Kb / 2P
   2.0AMPS High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101 LUGUANG-HER101 Datasheet
207Kb / 3P
   1.0AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101S TSC-HER101S_10 Datasheet
564Kb / 2P
   1.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com