Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER101 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # HER101
Description  High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER101 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HER101 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER101 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER101 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER101 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- High efficiency, Low VF
- High current capability
- High reliability
- High surge current capability
- Low power loss
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF(AV)
A
Trr
ns
Cj
pF
TJ
OC
TSTG
OC
Note1: Pulse Test with PW=300μs, 1% Duty Cycle
Note2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Document Number: DS_D1406007
Version: F14
20
OC/W
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
HER
106
1.0
1.3
1.7
50
Maximum reverse recovery time (Note 2)
Typical junction capacitance (Note 3)
Typical thermal resistance
RθjC
RθjL
RθjA
15
25
70
75
25
A
Maximum instantaneous forward voltage (Note 1)
@ 1 A
VF
V
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
5
μA
150
Maximum DC blocking voltage
Maximum average forward rectified current
1.0
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
HER
105
HER
107
HER
108
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Case:
DO-204AL (DO-41)
DO-204AL (DO-41)
Weight:
0.3 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
PARAMETER
SYMBOL
HER
101
HER
102
HER
103
HER
104
HER101 thru HER108
Taiwan Semiconductor
High Efficient Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA


Similar Part No. - HER101

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
HER101 DIOTECH-HER101 Datasheet
830Kb / 2P
   HIGH EFFICIENT SILICON RECTIFIER
logo
Mospec Semiconductor
HER101 MOSPEC-HER101 Datasheet
132Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(1.0A,50-400V)
logo
Nanjing International G...
HER101 DGNJDZ-HER101 Datasheet
143Kb / 2P
   1.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101 Datasheet
426Kb / 4P
   1.0AMP High Efficient Rectifiers High efficiency, Low VF
logo
GOOD-ARK Electronics
HER101 GOOD-ARK-HER101 Datasheet
61Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER101

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_14 Datasheet
377Kb / 4P
   High Efficient Rectifiers
HER101S TSC-HER101S_14 Datasheet
377Kb / 4P
   High Efficient Rectifiers
HT11 TSC-HT11_14 Datasheet
376Kb / 4P
   High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001 GOOD-ARK-HER2001 Datasheet
152Kb / 2P
   High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER301 TSC-HER301_13 Datasheet
425Kb / 4P
   3.0AMPS High Efficient Rectifiers
HER301 TSC-HER301_11 Datasheet
196Kb / 2P
   3.0AMPS High Efficient Rectifiers
HER201 TSC-HER201_13 Datasheet
426Kb / 4P
   2.0AMPS High Efficient Rectifiers
HER201 TSC-HER201_11 Datasheet
190Kb / 2P
   2.0AMPS High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101 LUGUANG-HER101 Datasheet
207Kb / 3P
   1.0AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101S TSC-HER101S_10 Datasheet
564Kb / 2P
   1.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com