Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER151 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # HER151
Description  High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER151 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  HER151_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER151_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER151_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER151_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
2.60
3.60
0.102
0.142
B
0.70
0.90
0.028
0.035
C
25.40
-
1.000
-
D
5.80
7.60
0.228
0.299
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW = Date Code
F =
Factory Code
Document Number: DS_D1406020
Version: F14
MARKING DIAGRAM
HER151 thru HER158
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
0
25
50
75
100
125
150
175
0.1
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
HER156-HER158
HER151-HER155
f=1.0MHz
Vslg=50mVp-p


Similar Part No. - HER151_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER151 TSC-HER151_1 Datasheet
69Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
HER151 TSC-HER151_10 Datasheet
555Kb / 2P
   1.5 AMPS. High Efficient Rectifiers
logo
Micro Commercial Compon...
HER151 MCC-HER151_11 Datasheet
238Kb / 3P
   1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Yangzhou yangjie electr...
HER151 YANGJIE-HER151_11 Datasheet
133Kb / 2P
   High Efficient Rectifier
logo
Micro Commercial Compon...
HER151 MCC-HER151_13 Datasheet
250Kb / 3P
   1.5 Amp High Efficient Rectifiers 50 to 1000 Volts
More results

Similar Description - HER151_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101_14 Datasheet
377Kb / 4P
   High Efficient Rectifiers
HER101S TSC-HER101S_14 Datasheet
377Kb / 4P
   High Efficient Rectifiers
HT11 TSC-HT11_14 Datasheet
376Kb / 4P
   High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001 GOOD-ARK-HER2001 Datasheet
152Kb / 2P
   High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER301 TSC-HER301_13 Datasheet
425Kb / 4P
   3.0AMPS High Efficient Rectifiers
HER301 TSC-HER301_11 Datasheet
196Kb / 2P
   3.0AMPS High Efficient Rectifiers
HER201 TSC-HER201_13 Datasheet
426Kb / 4P
   2.0AMPS High Efficient Rectifiers
HER201 TSC-HER201_11 Datasheet
190Kb / 2P
   2.0AMPS High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101 LUGUANG-HER101 Datasheet
207Kb / 3P
   1.0AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101S TSC-HER101S_10 Datasheet
564Kb / 2P
   1.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com