Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER107S Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # HER107S
Description  High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HER107S Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  HER107S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HER107S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HER107S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HER107S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART
NO.
PART NO.
HER107S
HER107S
(TA=25℃ unless otherwise noted)
Document Number: DS_D1404017
Version: F14
HER101S thru HER108S
Taiwan Semiconductor
ORDERING INFORMATION
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
P0
Suffix "G"
A-405
2K / AMMO box
P1
A-405
2K / AMMO box
A1
A-405
3K / AMMO box
A0
A-405
3K / AMMO box
R0
A-405
5K / 13" Reel
B0
A-405
1K / Bulk packing
Note 1: "x" defines voltage from 50V (HER101S) to 1000V (HER108S)
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
HER10xS
(Note 1)
RATINGS AND CHARACTERISTICS CURVES
HER107S A0
A0
HER107S A0G
A0
G
Green compound
0
0.5
1
1.5
0
255075
100
125
150
AMBIENT TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
5
10
15
20
25
30
35
40
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=100℃
TJ=75℃
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 5- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
HER106S-HER108S
HER105S
HER101S-HER104S


Similar Part No. - HER107S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
HER107S MCC-HER107S Datasheet
388Kb / 2P
   1.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
Microdiode Electronics ...
HER107S CHENDA-HER107S Datasheet
589Kb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Taiwan Semiconductor Co...
HER107S TSC-HER107S Datasheet
269Kb / 2P
   1.0 AMP. High Efficient Rectifiers
logo
Shanghai Lunsure Electr...
HER107S CHENYI-HER107S Datasheet
356Kb / 2P
   1.0Amp high efficient rectifiers 50to1000 volts
logo
Shanghai Shunye Electro...
HER107S SY-HER107S Datasheet
1Mb / 2P
   HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER107S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HER101 TSC-HER101_14 Datasheet
377Kb / 4P
   High Efficient Rectifiers
HER151 TSC-HER151_14 Datasheet
377Kb / 4P
   High Efficient Rectifiers
HT11 TSC-HT11_14 Datasheet
376Kb / 4P
   High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001 GOOD-ARK-HER2001 Datasheet
152Kb / 2P
   High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER301 TSC-HER301_13 Datasheet
425Kb / 4P
   3.0AMPS High Efficient Rectifiers
HER301 TSC-HER301_11 Datasheet
196Kb / 2P
   3.0AMPS High Efficient Rectifiers
HER201 TSC-HER201_13 Datasheet
426Kb / 4P
   2.0AMPS High Efficient Rectifiers
HER201 TSC-HER201_11 Datasheet
190Kb / 2P
   2.0AMPS High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101 LUGUANG-HER101 Datasheet
207Kb / 3P
   1.0AMP. High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101S TSC-HER101S_10 Datasheet
564Kb / 2P
   1.0 AMP. High Efficient Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com