Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1081CJ Datasheet(PDF) 1 Page - Linear Technology

Part # LT1081CJ
Description  Advanced Low Power 5V RS232 Dual Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1081CJ Datasheet(HTML) 1 Page - Linear Technology

  LT1081CJ Datasheet HTML 1Page - Linear Technology LT1081CJ Datasheet HTML 2Page - Linear Technology LT1081CJ Datasheet HTML 3Page - Linear Technology LT1081CJ Datasheet HTML 4Page - Linear Technology LT1081CJ Datasheet HTML 5Page - Linear Technology LT1081CJ Datasheet HTML 6Page - Linear Technology LT1081CJ Datasheet HTML 7Page - Linear Technology LT1081CJ Datasheet HTML 8Page - Linear Technology LT1081CJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LT1080/LT1081
Advanced Low Power
5V RS232 Dual Driver/Receiver
The LT
®1080/LT1081 are the only dual RS232 driver/
receiver with charge pump to guarantee absolutely no
latchup. These interface optimized devices provide a real-
istic balance between CMOS levels of power dissipation
and real world requirements for ruggedness. The driver
outputs are fully protected against overload and can be
shorted to
±30V. Unlike CMOS, the advanced architecture
of the LT1080/LT1081 does not load the signal line when
“shut down” or when power is off. Both the receiver and
RS232 outputs are put into a high impedance state. An
advanced output stage allows driving higher capacitive
loads at higher speeds with exceptional ruggedness
against ESD.
For applications requiring up to five drivers and five
receivers with charge pump in one package see the LT1130A
Series data sheet. A version of the LT1080/LT1081, the
LT1180A and LT1181A that use only 0.1
µF capacitors, is
also available. All of Linear Technology’s RS232 ICs are
available in standard surface mount packages.
s
Superior to CMOS
– Improved Speed: Operates over 120kBaud
– Improved Protection: Outputs Can Be Forced
to
±30V without Damage
– Three-State Outputs Are High
Impedance When Off
– Only Needs 1
µF Capacitors
s
Absolutely No Latchup
s
CMOS Comparable Low Power: 60mW
s
Can Power Additional RS232 Drivers: 10mA
s
Supply Current in Shutdown: 1
µA
s
Available in SO Package
s
Available with or without Shutdown
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Portable Computers
s
Battery-Powered RS232 Systems
s
Power Supply Generator
s
Terminals
s
Modems
Supply Generator Outputs
OUTPUT CURRENT (mA)
02468
10 12 14 16 18 20
1080/81 TA01a
10
8
6
4
2
0
–2
–4
–6
–8
–10
VCC = 5V
V+ OUTPUT
RL TO V
RL TO GND
RL TO GND
RL TO V
+
VOUTPUT
LOGIC
INPUTS
LOGIC
OUTPUTS
ON/OFF
18
10
13
11
12
6
5
4
2
16
9
14
8
15
7
3
17
5V INPUT
9V OUTPUT
–9V OUTPUT
RS232 OUTPUT
RS232 OUTPUT
RS232 INPUT
RS232 INPUT
1080/81 • TA01
5k
5k
LT1080
1
µF
1
µF
1
µF
1
µF
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO


Similar Part No. - LT1081CJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1081 LINER-LT1081 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081 LINER-LT1081_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
More results

Similar Description - LT1081CJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1081 LINER-LT1081_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1781IS LINER-LT1781IS Datasheet
236Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with
LT1280A LINER-LT1280A Datasheet
250Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1181A LINER-LT1181A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1281A LINER-LT1281A_15 Datasheet
233Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
logo
Linear Integrated Syste...
LT1180 LINEAR-LT1180_1 Datasheet
201Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
logo
Linear Technology
LT1180A LINER-LT1180A_15 Datasheet
207Kb / 12P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
LT1381 LINER-LT1381 Datasheet
185Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors
LT1381 LINER-LT1381_15 Datasheet
170Kb / 8P
   Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com